Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33260P Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC33260P
Description  GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33260P Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33260P Datasheet HTML 5Page - ON Semiconductor MC33260P Datasheet HTML 6Page - ON Semiconductor MC33260P Datasheet HTML 7Page - ON Semiconductor MC33260P Datasheet HTML 8Page - ON Semiconductor MC33260P Datasheet HTML 9Page - ON Semiconductor MC33260P Datasheet HTML 10Page - ON Semiconductor MC33260P Datasheet HTML 11Page - ON Semiconductor MC33260P Datasheet HTML 12Page - ON Semiconductor MC33260P Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MC33260
http://onsemi.com
9
FUNCTIONAL DESCRIPTION
Pin Numbers are Relevant to the PDIP−8 Version
INTRODUCTION
The need of meeting the requirements of legislation on
line current harmonic content, results in an increasing
demand for cost effective solutions to comply with the
Power Factor regulations. This data sheet describes a
monolithic controller specially designed for this purpose.
Most off−line appliances use a bridge rectifier associated
to a huge bulk capacitor to derive raw dc voltage from the
utility ac line.
Figure 22. Typical Circuit Without PFC
Load
Converter
Rectifiers
Bulk
Storage
Capacitor
+
AC
Line
This technique results in a high harmonic content and in
poor power factor ratios. In effect, the simple rectification
technique draws power from the mains when the
instantaneous ac voltage exceeds the capacitor voltage. This
occurs near the line voltage peak and results in a high charge
current spike. Consequently, a poor power factor (in the
range of 0.5 − 0.7) is generated, resulting in an apparent input
power that is much higher than the real power.
Figure 23. Line Waveforms Without PFC
Line Sag
Rectified DC
AC Line Voltage
AC Line Current
0
0
Vpk
Active solutions are the most popular way to meet the
legislation requirements. They consist of inserting a PFC
pre−regulator between the rectifier bridge and the bulk
capacitor. This interface is, in fact, a step−up SMPS that
outputs a constant voltage while drawing a sinusoidal
current from the line.
Figure 24. PFC Preconverter
Converter
Rectifiers
+
AC
Line
PFC Preconverter
The MC33260 was developed to control an active solution
with the goal of increasing its robustness while lowering its
global cost.
OPERATION DESCRIPTION
The MC33260 is optimized to just as well drive a free
running as a synchronized discontinuous voltage mode.
It also features valuable protections (overvoltage and
undervoltage protection, overcurrent limitation, ...) that
make the PFC preregulator very safe and reliable while
requiring very few external components. In particular, it is
able to safely face any uncontrolled direct charges of the
output capacitor from the mains which occur when the
output voltage is lower than the input voltage (startup,
overload, ...).
In addition to the low count of elements, the circuit can
control an innovative mode named “Follower Boost” that
permits to significantly reduce the size of the preconverter
inductor and power MOSFET. With this technique, the
output regulation level is not forced to a constant value, but
can vary according to the a.c. line amplitude and to the
power. The gap between the output voltage and the ac line
is then lowered, what allows the preconverter inductor and
power MOSFET size reduction. Finally, this method brings
a significant cost reduction.
A description of the functional blocks is given below.
REGULATION SECTION
Connecting a resistor between the output voltage to be
regulated and the Pin 1, a feedback current is obtained.
Typically, this current is built by connecting a resistor
between the output voltage and the Pin 1. Its value is then
given by the following equation:
I
pin1 +
Vo * Vpin1
Ro
where:
Ro is the feedback resistor,
Vo is the output voltage,
Vpin1 is the Pin 1 clamp value.
The feedback current is compared to the reference current
so that the regulation block outputs a signal following the
characteristic depicted in Figure 25. According to the power
and the input voltage, the output voltage regulation level
varies
between
two
values
(Vo)regL and (Vo)regH
corresponding to the IregL and IregH levels.
Figure 25. Regulation Characteristic
1.5 V
Regulation Block Output
Io
IregL
(97%Iref)
IregH
(Iref)
The feedback resistor must be chosen so that the feedback
current should equal the internal current source IregH when
the output voltage exceeds the chosen upper regulation
voltage [(Vo)regH].


Similar Part No. - MC33260P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33260P ONSEMI-MC33260P Datasheet
436Kb / 20P
   GreenLine Compact Power Factor Controller:Innovative Circuit for Cost Effective Solutions
November, 1999 ??Rev. 1
More results

Similar Description - MC33260P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33260 ONSEMI-MC33260 Datasheet
436Kb / 20P
   GreenLine Compact Power Factor Controller:Innovative Circuit for Cost Effective Solutions
November, 1999 ??Rev. 1
MC33368 ONSEMI-MC33368_05 Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
NCP1607BOOSTGEVB ONSEMI-NCP1607BOOSTGEVB Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1607 ONSEMI-NCP1607 Datasheet
261Kb / 23P
   Cost Effective Power Factor Controller
April, 2009 ??Rev. 1
NCP1607 ONSEMI-NCP1607_15 Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1606 ONSEMI-NCP1606 Datasheet
242Kb / 22P
   Cost Effective Power Factor Controller
March, 2007 ??Rev. 3
MC33368 ONSEMI-MC33368 Datasheet
476Kb / 20P
   High Voltage GreenLine Power Factor Controller
April, 2000 ??Rev. 4
MC33368 ONSEMI-MC33368_11 Datasheet
228Kb / 16P
   High Voltage GreenLine Power Factor Controller
August, 2011 ??Rev. 11
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
logo
List of Unclassifed Man...
OB3350 ETC2-OB3350 Datasheet
464Kb / 10P
   Cost Effective LED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com