Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14553BCPG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC14553BCPG
Description  3?묭igit BCD Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14553BCPG Datasheet(HTML) 2 Page - ON Semiconductor

  MC14553BCPG Datasheet HTML 1Page - ON Semiconductor MC14553BCPG Datasheet HTML 2Page - ON Semiconductor MC14553BCPG Datasheet HTML 3Page - ON Semiconductor MC14553BCPG Datasheet HTML 4Page - ON Semiconductor MC14553BCPG Datasheet HTML 5Page - ON Semiconductor MC14553BCPG Datasheet HTML 6Page - ON Semiconductor MC14553BCPG Datasheet HTML 7Page - ON Semiconductor MC14553BCPG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC14553B
http://onsemi.com
2
TRUTH TABLE
Inputs
Outputs
Master
Reset
Clock
Disable
LE
0
0
0
No Change
0
0
0
Advance
0
X
1
X
No Change
0
1
0
Advance
0
1
0
No Change
0
0
X
X
No Change
0
X
X
Latched
0
X
X
1
Latched
1
X
X
0
Q0 = Q1 = Q2 = Q3 = 0
X = Don’t Care
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 4.6 Vdc)
Source −
(VOH = 9.5 Vdc)
Pin 3
(VOH = 13.5 Vdc)
IOH
5.0
10
15
– 0.25
– 0.62
– 1.8
– 0.2
– 0.5
– 1.5
– 0.36
– 0.9
– 3.5
−0.14
−0.35
−1.1
mAdc
(VOH = 4.6 Vdc)
Source −
(VOH = 9.5 Vdc)
Other
(VOH = 13.5 Vdc)
Outputs
5.0
10
15
– 0.64
– 1.6
– 4.2
– 0.51
– 1.3
– 3.4
– 0.88
– 2.25
– 8.8
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink −
(VOL = 0.5 Vdc)
Pin 3
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.5
1.1
1.8
0.4
0.9
1.5
0.88
2.25
8.8
0.28
0.65
1.20
mAdc
(VOL = 0.4 Vdc)
Sink − Other
(VOL = 0.5 Vdc)
Outputs
(VOL = 1.5 Vdc)
5.0
10
15
3.0
6.0
18
2.5
5.0
15
4.0
8.0
20
1.6
3.5
10
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance (Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current (Per Package)
MR = VDD
IDD
5.0
10
15
5.0
10
20
0.010
0.020
0.030
5.0
10
20
150
300
600
mAdc
Total Supply Current (Note 3, 4)
(Dynamic plus Quiescent, Per Package)
(CL = 50 pF on all outputs, all buffers switching)
IT
5.0
10
15
IT = (0.35 mA/kHz) f + IDD
IT = (0.85 mA/kHz) f + IDD
IT = (1.50 mA/kHz) f + IDD
mAdc
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25
_C.
4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL – 50) Vfk where: IT is in mA (per package), CL in pF,
V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.004.


Similar Part No. - MC14553BCPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14553BCP ONSEMI-MC14553BCP Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
More results

Similar Description - MC14553BCPG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
logo
Nexperia B.V. All right...
HEF4518B NEXPERIA-HEF4518B Datasheet
221Kb / 13P
   Dual BCD counter
Rev. 9 - 3 December 2021
logo
Hitachi Semiconductor
HD14553B HITACHI-HD14553B Datasheet
91Kb / 6P
   Three-Digit BCD Counter
logo
STMicroelectronics
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
   DUAL BCD UP COUNTER
logo
NXP Semiconductors
74HC4518 PHILIPS-74HC4518 Datasheet
63Kb / 7P
   Dual synchronous BCD counter
December 1990
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
   BCD Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com