Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14551B Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14551B
Description  Quad 2?묬hannel Analog Multiplexer/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14551B Datasheet(HTML) 1 Page - ON Semiconductor

  MC14551B Datasheet HTML 1Page - ON Semiconductor MC14551B Datasheet HTML 2Page - ON Semiconductor MC14551B Datasheet HTML 3Page - ON Semiconductor MC14551B Datasheet HTML 4Page - ON Semiconductor MC14551B Datasheet HTML 5Page - ON Semiconductor MC14551B Datasheet HTML 6Page - ON Semiconductor MC14551B Datasheet HTML 7Page - ON Semiconductor MC14551B Datasheet HTML 8Page - ON Semiconductor MC14551B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 6
1
Publication Order Number:
MC14551B/D
MC14551B
Quad 2−Channel Analog
Multiplexer/Demultiplexer
The MC14551B is a digitally−controlled analog switch. This device
implements a 4PDT solid state switch with low ON impedance and
very low OFF Leakage current. Control of analog signals up to the
complete supply voltage range can be achieved.
Features
Triple Diode Protection on All Control Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Analog Voltage Range (VDD − VEE) = 3.0 to 18 V
Note: VEE must be v VSS
Linearized Transfer Characteristics
Low Noise — 12 nV√Cycle, f ≥ 1.0 kHz typical
For Low RON, Use The HC4051, HC4052, or HC4053 High−Speed
CMOS Devices
Switch Function is Break Before Make
Pb−Free Packages are Available*
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
(Referenced to VEE, VSS ≥ VEE)
VDD
– 0.5 to + 18.0
V
Input or Output Voltage (DC or Transient)
(Referenced to VSS for Control Input and
VEE for Switch I/O)
Vin, Vout
– 0.5 to VDD
+ 0.5
V
Input Current (DC or Transient),
per Control Pin
Iin
± 10
mA
Switch Through Current
Isw
± 25
mA
Power Dissipation, per Package (Note 1)
PD
500
mW
Ambient Temperature Range
TA
– 55 to + 125
_C
Storage Temperature Range
Tstg
– 65 to + 150
_C
Lead Temperature (8–Second Soldering)
TL
260
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating: Plastic “P and D/DW”
Packages: − 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD for control inputs and VEE ≤ (Vin or Vout)
≤ VDD for Switch I/O.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS, VEE or VDD). Unused outputs must be left open.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
SOIC−16
D SUFFIX
CASE 751B
1
16
14551BG
AWLYWW
SOEIAJ−16
F SUFFIX
CASE 966
1
16
MC14551B
ALYWG
1
http://onsemi.com
1
1
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
16
1
MC14551BCP
AWLYYWWG


Similar Part No. - MC14551B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14551B MOTOROLA-MC14551B Datasheet
250Kb / 9P
   Quad 2-Channel Analog Multiplezer/Demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551BCP ONSEMI-MC14551BCP Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551BD ONSEMI-MC14551BD Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
More results

Similar Description - MC14551B

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC74VHCT157A ONSEMI-MC74VHCT157A_05 Datasheet
101Kb / 7P
   Quad 2?묬hannel Multiplexer
December, 2005 ??Rev. 2
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com