Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14528BFELG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14528BFELG
Description  Dual Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14528BFELG Datasheet(HTML) 1 Page - ON Semiconductor

  MC14528BFELG Datasheet HTML 1Page - ON Semiconductor MC14528BFELG Datasheet HTML 2Page - ON Semiconductor MC14528BFELG Datasheet HTML 3Page - ON Semiconductor MC14528BFELG Datasheet HTML 4Page - ON Semiconductor MC14528BFELG Datasheet HTML 5Page - ON Semiconductor MC14528BFELG Datasheet HTML 6Page - ON Semiconductor MC14528BFELG Datasheet HTML 7Page - ON Semiconductor MC14528BFELG Datasheet HTML 8Page - ON Semiconductor MC14528BFELG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 6
1
Publication Order Number:
MC14528B/D
MC14528B
Dual Monostable
Multivibrator
The MC14528B is a dual, retriggerable, resettable monostable
multivibrator. It may be triggered from either edge of an input pulse,
and produces an output pulse over a wide range of widths, the duration
of which is determined by the external timing components,
CX and RX.
Features
Separate Reset Available
Diode Protection on All Inputs
Triggerable from Leading or Trailing Edge Pulse
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low−power TTL Loads or One Low−power
Schottky TTL Load Over the Rated Temperature Range
This part should only be used in new designs where the pulse width
is < 10
ms
Note:
For designs requiring a pulse width > 10
ms, please see
MC14538, which is pin−for−pin compatible
Pb−Free Packages are Available*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage Range
VDD
−0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin, Vout
−0.5 to VDD + 0.5
V
Input or Output Current
(DC or Transient) per Pin
Iin, Iout
±10
mA
Power Dissipation, per Package
(Note 1)
PD
500
mW
Ambient Temperature Range
TA
−55 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Lead Temperature
(8−Second Soldering)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
SOEIAJ−16
F SUFFIX
CASE 966
MC14528B
ALYWG
1
1
SOIC−16
D SUFFIX
CASE 751B
MARKING
DIAGRAMS
14528BG
AWLYWW
PDIP−16
P SUFFIX
CASE 648
1
1
MC14528BCP
AWLYYWWG
1
1
A
= Assembly Location
WL
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package


Similar Part No. - MC14528BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14528BFEL ONSEMI-MC14528BFEL Datasheet
210Kb / 12P
   Dual Monostable Multivibrator
March, 2000 ??Rev. 3
More results

Similar Description - MC14528BFELG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com