Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2TPMI334L5.5GXXOBV Datasheet(PDF) 11 Page - PerkinElmer Optoelectronics

Part # A2TPMI334L5.5GXXOBV
Description  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI334L5.5GXXOBV Datasheet(HTML) 11 Page - PerkinElmer Optoelectronics

Back Button A2TPMI334L5.5GXXOBV Datasheet HTML 7Page - PerkinElmer Optoelectronics A2TPMI334L5.5GXXOBV Datasheet HTML 8Page - PerkinElmer Optoelectronics A2TPMI334L5.5GXXOBV Datasheet HTML 9Page - PerkinElmer Optoelectronics A2TPMI334L5.5GXXOBV Datasheet HTML 10Page - PerkinElmer Optoelectronics A2TPMI334L5.5GXXOBV Datasheet HTML 11Page - PerkinElmer Optoelectronics A2TPMI334L5.5GXXOBV Datasheet HTML 12Page - PerkinElmer Optoelectronics A2TPMI334L5.5GXXOBV Datasheet HTML 13Page - PerkinElmer Optoelectronics A2TPMI334L5.5GXXOBV Datasheet HTML 14Page - PerkinElmer Optoelectronics A2TPMI334L5.5GXXOBV Datasheet HTML 15Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 11 of 21
Rev. Oct 2003
Application Information
AMBIENT TEMPERATURE COMPENSATION
Because of many physical effects, that influence the non-contact temperature measurement based on
infrared radiation, it is difficult to meet the best initial adjustment for a specific application. Therefore
some deviations might be found at first measuring. For all applications the optimized solution can be
prepared and fixed based on the measurement in the application environment. PerkinElmer is pleased
in providing you assistance to find the conditions, which deliver the highest accuracy in your application.
The temperature compensation is only working well within a certain ambient temperature range, limited
by different device parameters of the thermopile sensor and the temperature reference sensor. The
following diagram shows a typical characteristics and is only an example for better understanding of the
principle compensation curve. The curve shows the deviation for a correct working of a compensated
module.
Temperature Deviation of VTobj vs. Ambient Temperature
-0,5
0
0,5
1
1,5
2
2,5
3
-20
0
20
40
60
80
100
Ambient Temperature [°C]
The compensation of the module sample in the diagram is adjusted to the best fitting at 20°C to 80°C
ambient temperature, but the curve can be shifted in the whole ambient temperature range through the
change of A2TPMI parameters.
MEASUREMENT TOLERANCE
The temperature error of the A2TPMI depends on several factors like the emissivity, object temperature,
object size to spot size relation, temperature gradients over the sensor housing in the environment,
device tolerances and the optimal adjustment of the ambient temperature compensation.
The accuracy as specified under VTamb and VTobj characteristics is based on theoretical calculation as
well as on statistical evaluation results. The PerkinElmer quality system ensures that all A2TPMIs are
calibrated and tested under a certain test conditions in order to guarantee these specifications.
However, due to the nature of infrared remote temperature measurements there might occur limits ex-
ceeding or deviations in specific application environments. In this case please contact the PerkinElmer
application support to help you solving the problem.


Similar Part No. - A2TPMI334L5.5GXXOBV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

Similar Description - A2TPMI334L5.5GXXOBV

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com