Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14516BFEL Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC14516BFEL
Description  Binary Up/Down Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14516BFEL Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC14516BFEL Datasheet HTML 3Page - ON Semiconductor MC14516BFEL Datasheet HTML 4Page - ON Semiconductor MC14516BFEL Datasheet HTML 5Page - ON Semiconductor MC14516BFEL Datasheet HTML 6Page - ON Semiconductor MC14516BFEL Datasheet HTML 7Page - ON Semiconductor MC14516BFEL Datasheet HTML 8Page - ON Semiconductor MC14516BFEL Datasheet HTML 9Page - ON Semiconductor MC14516BFEL Datasheet HTML 10Page - ON Semiconductor MC14516BFEL Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC14516B
http://onsemi.com
7
Figure 3. Presettable Cascaded 8−Bit Up/Down Counter
NOTE: The Least Significant Digit (L.S.D.) counts from a preset value once Preset Enable (PE) goes low. The Most Significant
Digit (M.S.D.) is disabled while Cin is high. When the count of the L.S.D. reaches 0 (count down mode) or reaches 15 (count
up mode), Cout goes low for one complete clock cycle, thus allowing the next counter to decrement/increment one count.
(See Timing Diagram) The L.S.D. now counts through another cycle (15 clock pulses) and the above cycle is repeated.
L.S.D.
MC14516B
Cout
Q0
Q1
Q2
Q3
P0
P1
P2
P3
PE
R
U/D
CLOCK
Cin
M.S.D.
MC14516B
Cout
Q0
Q1
Q2
Q3
P0
P1
P2
P3
PE
R
U/D
CLOCK
Cin
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
TERMINAL COUNT
INDICATOR
P0
P1
P2
P3
P4
P5
P6
P7
THUMBWHEEL SWITCHES
(OPEN FOR 0")
+VDD
+VDD
+VDD
OPEN = COUNT
CLOCK
RESET
RESISTORS = 10 kW
0 = COUNT
1 = PRESET
1 = UP
0 = DOWN
PRESET
ENABLE


Similar Part No. - MC14516BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14516BFEL ONSEMI-MC14516BFEL Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
More results

Similar Description - MC14516BFEL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
NXP Semiconductors
74HC4516 PHILIPS-74HC4516 Datasheet
100Kb / 14P
   Binary up/down counter
December 1990
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
   Synchronous Up/Down Binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com