Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14516BDG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14516BDG
Description  Binary Up/Down Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14516BDG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC14516BDG Datasheet HTML 2Page - ON Semiconductor MC14516BDG Datasheet HTML 3Page - ON Semiconductor MC14516BDG Datasheet HTML 4Page - ON Semiconductor MC14516BDG Datasheet HTML 5Page - ON Semiconductor MC14516BDG Datasheet HTML 6Page - ON Semiconductor MC14516BDG Datasheet HTML 7Page - ON Semiconductor MC14516BDG Datasheet HTML 8Page - ON Semiconductor MC14516BDG Datasheet HTML 9Page - ON Semiconductor MC14516BDG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC14516B
http://onsemi.com
6
TOGGLE FLIP−FLOP
PE
C
T
Q
Q
P
PARALLEL IN
FLIP−FLOP FUNCTIONAL TRUTH TABLE
Preset
Enable
Clock
T
Qn+1
1
X
X
Parallel In
0
0
Qn
0
1
Qn
0
X
Qn
X = Don’t Care
Figure 2. Switching Time Waveforms
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VOL
VOH
RESET
PRESET ENABLE
CARRY IN OR
UP/DOWN
CLOCK
Q0 OR CARRY OUT
trem
tsu
trem
th
tTLH
tPLH
tPHL
tPLH
tTHL
50%
50%
90%
10%
50%
90%
10%
CARRY OUT ONLY
tw(H)
tw(H)
tw
1
fcl
PIN DESCRIPTIONS
INPUTS
P0, P1, P2, P3, Preset Inputs (Pins 4, 12, 13, 3) — Data
on these inputs is loaded into the counter when PE is taken
high.
Carry In, (Pin 5) — This active−low input is used when
Cascading stages. Carry In is usually connected to Carry Out
of the previous stage. While high, Clock is inhibited.
Clock, (Pin 15) — Binary data is incremented or
decremented, depending on the direction of count, on the
positive transition of this input.
OUTPUTS
Q0, Q1, Q2, Q3, Binary outputs (Pins 6, 11, 14, 2) —
Binary data is present on these outputs with Q0
corresponding to the least significant bit.
Carry Out, (Pin 7) — Used when cascading stages, Carry
Out is usually connected to Carry In of the next stage. This
synchronous output is active low and may also be used to
indicate terminal count.
CONTROLS
PE, Preset Enable, (Pin 1) — Asynchronously loads data
on the Preset Inputs. This pin is active high and inhibits the
clock when high.
R, Reset, (Pin 9) — Asynchronously resets the Q out−
puts to a low state. This pin is active high and inhibits the
clock when high.
Up/Down, (Pin 10) — Controls the direction of count,
high for up count, low for down count.
SUPPLY PINS
VSS, Negative Supply Voltage, (Pin 8) — This pin is
usually connected to ground.
VDD, Positive Supply Voltage, (Pin 16) — This pin is
connected to a positive supply voltage ranging from 3.0 V
to 18 V.


Similar Part No. - MC14516BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14516BDG ONSEMI-MC14516BDG Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
More results

Similar Description - MC14516BDG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
NXP Semiconductors
74HC4516 PHILIPS-74HC4516 Datasheet
100Kb / 14P
   Binary up/down counter
December 1990
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
   Synchronous Up/Down Binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com