Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1186 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1186
Description  Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1186 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1186 Datasheet HTML 1Page - Allegro MicroSystems A1186 Datasheet HTML 2Page - Allegro MicroSystems A1186 Datasheet HTML 3Page - Allegro MicroSystems A1186 Datasheet HTML 4Page - Allegro MicroSystems A1186 Datasheet HTML 5Page - Allegro MicroSystems A1186 Datasheet HTML 6Page - Allegro MicroSystems A1186 Datasheet HTML 7Page - Allegro MicroSystems A1186 Datasheet HTML 8Page - Allegro MicroSystems A1186 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Amp
Regulator
Program/Lock
Low-Pass
Filter
GND
VCC
GND
Programming
Logic
Package UA Only
Offset
Adjust
Clock/Logic
To all
subcircuits
0.01 uF
V+
Description
The A1185 and A1186 are ultrasensitive, two-wire, unipolar
Hall effect switches. The operate point, BOP, can be field-
programmed, after final packaging of the sensor and
placement into the application. This advanced feature allows
the optimization of the sensor switching performance, by
effectively accounting for variations caused by mounting
tolerances for the device and the target magnet.
This family of devices are produced on the Allegro
MicroSystems new DABIC5 BiCMOS wafer fabrication
process,whichimplementsapatented,high-frequency,chopper-
stabilization technique that achieves magnetic stability and
eliminates the offsets that are inherent in single-element devices
exposed to harsh application environments. Commonly found
in a number of automotive applications, the A1185 and A1186
devices are utilized to sense: seat track position, seat belt buckle
presence, hood/trunk latching, and shift selector position.
Two-wire unipolar switches are particularly advantageous
in price-sensitive applications, because they require one less
wire than the more traditional open-collector output switches.
A1185-DS, Rev. 2
Features and Benefits
▪ Chopper stabilization
▫ Low switchpoint drift over operating
temperature range
▫ Low sensitivity to stress
▪ Field programmable for optimized switchpoints
▪ On-chip protection
▫ Supply transient protection
▫ Reverse-battery protection
▫ On-board voltage regulator
▫ 3.5 to 24 V operation
Ultrasensitive Two-Wire Field-Programmable
Chopper-Stabilized Unipolar Hall-Effect Switches
Continued on the next page…
Functional Block Diagram
Not to scale
Packages: 3 pin SOT23W (suffix LH), and
3 pin SIP (suffix UA)
A1185 and A1186


Similar Part No. - A1186

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1186 ALLEGRO-A1186 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1186ELHLT ALLEGRO-A1186ELHLT Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1186ELHLT-T ALLEGRO-A1186ELHLT-T Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1186EUA ALLEGRO-A1186EUA Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1186EUA-T ALLEGRO-A1186EUA-T Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1186

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147 ALLEGRO-A1147_06 Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147 ALLEGRO-A1147 Datasheet
319Kb / 13P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1183LUA-T ALLEGRO-A1183LUA-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com