Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14060BCPG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14060BCPG
Description  14-Bit Binary Counter and Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14060BCPG Datasheet(HTML) 4 Page - ON Semiconductor

  MC14060BCPG Datasheet HTML 1Page - ON Semiconductor MC14060BCPG Datasheet HTML 2Page - ON Semiconductor MC14060BCPG Datasheet HTML 3Page - ON Semiconductor MC14060BCPG Datasheet HTML 4Page - ON Semiconductor MC14060BCPG Datasheet HTML 5Page - ON Semiconductor MC14060BCPG Datasheet HTML 6Page - ON Semiconductor MC14060BCPG Datasheet HTML 7Page - ON Semiconductor MC14060BCPG Datasheet HTML 8Page - ON Semiconductor MC14060BCPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC14060B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25°C)
Symbol
Characteristic
VDD
Vdc
Min
Typ
(Note 5)
Max
Unit
tTLH
Output Rise Time (Counter Outputs)
5.0
10
15
40
25
20
200
100
80
ns
tTHL
Output Fall Time (Counter Outputs)
5.0
10
15
50
30
20
200
100
80
ns
tPLH
tPHL
Propagation Delay Time
Clock to Q4
5.0
10
15
415
175
125
740
300
200
ns
Clock to Q14
5.0
10
15
1.5
0.7
0.4
2.7
1.3
1.0
ms
twH
Clock Pulse Width
5.0
10
15
100
40
30
65
30
20
ns
ff
Clock Pulse Frequency
5.0
10
15
5
14
17
3.5
8
12
MHz
tTLH
tTHL
Clock Rise and Fall Time
5.0
10
15
No Limit
ns
tw
Reset Pulse Width
5.0
10
15
120
60
40
40
15
10
ns
tPHL
Propagation Delay Time
Reset to On
5.0
10
15
170
80
60
350
160
100
ns
5. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit
and Waveform
Figure 2. Switching Time Test Circuit
and Waveforms
PULSE
GENERATOR
ID
VDD
500 mF
0.01 mF
CLOCK
NC
NC
Q4
Q5
Qn
R
OUT1
OUT2
VSS
CL
CL
CL
20 ns
20 ns
CLOCK
90%
50%
10%
50% DUTY CYCLE
VDD
VSS
PULSE
GENERATOR
VDD
CLOCK
NC
NC
Q4
Q5
Qn
R
OUT1
OUT2
VSS
CL
CL
CL
20 ns
20 ns
CLOCK
Q
tTLH
tTHL
tPLH
tPHL
tWH
90%
50%
10%
90%
50%
10%


Similar Part No. - MC14060BCPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14060BCPG ONSEMI-MC14060BCPG Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
More results

Similar Description - MC14060BCPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14060B ONSEMI-MC14060B_15 Datasheet
145Kb / 8P
   14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
MC14060B ONSEMI-MC14060B Datasheet
238Kb / 8P
   14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
MC14060BDG ONSEMI-MC14060BDG Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B_14 Datasheet
115Kb / 7P
   14-Bit Binary Counter
August, 2014 ??Rev. 9
logo
Texas Instruments
8409901RX TI1-8409901RX Datasheet
122Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTER AND OSCILLATOR
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14020B MOTOROLA-MC14020B Datasheet
207Kb / 6P
   14-Bit Binary Counter
logo
STMicroelectronics
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com