Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMUN2215LT1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MMUN2215LT1
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2215LT1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MMUN2215LT1 Datasheet HTML 4Page - ON Semiconductor MMUN2215LT1 Datasheet HTML 5Page - ON Semiconductor MMUN2215LT1 Datasheet HTML 6Page - ON Semiconductor MMUN2215LT1 Datasheet HTML 7Page - ON Semiconductor MMUN2215LT1 Datasheet HTML 8Page - ON Semiconductor MMUN2215LT1 Datasheet HTML 9Page - ON Semiconductor MMUN2215LT1 Datasheet HTML 10Page - ON Semiconductor MMUN2215LT1 Datasheet HTML 11Page - ON Semiconductor MMUN2215LT1 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MMUN2211LT1 Series
http://onsemi.com
8
TYPICAL ELECTRICAL CHARACTERISTICS
MMUN2232LT1
TA = 75°C
IC/IB =10
12
1
0.1
0.001
16
8
420
IC, COLLECTOR CURRENT (mA)
0.01
24
28
−25
°C
25
°C
Figure 22. VCE(sat) vs. IC
Figure 23. DC Current Gain
VCE = 10 V
0
1000
100
25
50
10
100
1
75
IC, COLLECTOR CURRENT (mA)
TA = 75°C
−25
°C
25
°C
125
Figure 24. Output Capacitance
Figure 25. Output Current vs. Input Voltage
f = 1 MHz
IE = 0 A
TA = 25°C
0
100
10
24
6
1
0.1
0.01
8
0
4
3
20
2
1
0
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
10
60
50
40
30
5
6
VO = 5 V
75
°C
TA = −25°C
25
°C
Figure 26. Output Voltage vs. Input Current
VO = 0.2 V
0
10
10
20
30
1
0.1
IC, COLLECTOR CURRENT (mA)
TA = −25°C
75
°C
25
°C


Similar Part No. - MMUN2215LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMUN2215LT1 MOTOROLA-MMUN2215LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Leshan Radio Company
MMUN2215LT1 LRC-MMUN2215LT1 Datasheet
146Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2215LT1 ONSEMI-MMUN2215LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
MMUN2215LT1G ONSEMI-MMUN2215LT1G Datasheet
177Kb / 18P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor
October, 2010 ??Rev. 11
MMUN2215LT1G ONSEMI-MMUN2215LT1G Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 =  k
August, 2012 ??Rev. 0
More results

Similar Description - MMUN2215LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com