Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2TPMI336AGXXOAV Datasheet(PDF) 10 Page - PerkinElmer Optoelectronics

Part # A2TPMI336AGXXOAV
Description  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI336AGXXOAV Datasheet(HTML) 10 Page - PerkinElmer Optoelectronics

Back Button A2TPMI336AGXXOAV Datasheet HTML 6Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAV Datasheet HTML 7Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAV Datasheet HTML 8Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAV Datasheet HTML 9Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAV Datasheet HTML 10Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAV Datasheet HTML 11Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAV Datasheet HTML 12Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAV Datasheet HTML 13Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAV Datasheet HTML 14Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 10 of 21
Rev. Oct 2003
CONTROL UNIT / SERIAL INTERFACE
The operation characteristics of the A2TPMI have to be configured with a set of internal random access
registers. All parameters / configurations are permanently stored in E2PROM in parallel, Configuration
is usually done during factory calibration and does not need any user input.
The control unit offers via serial interface access to all the registers, i.e. the internal parameters of the
A2TPMI. The serial interface is a two wire bi-directional synchronous (SDAT, SCLK) type. A2TPMI sen-
sors are in general factory calibrated and therefore there is no need to use the serial interface for stan-
dard applications.
The SDAT- / SCLK pins are internally pulled up to VDD and can be left unconnected. If the SDAT /
SCLK pins will be connected in the application, ensure signal conformity to the serial interface specifica-
tion. Subsequent undefined signals applied to these pins, may change the configuration and lead to
malfunctioning of the sensor.
For detailed information about the serial interface refer to application note: A2TPMI Serial Interface de-
scription, or contact PerkinElmer application support.
OUTPUT CONFIGURATION
The A2TPMI offers various output configurations, which can be configured via the serial communication
interface by means of integrated analog switches. For each output it can be individually selected
whether the output operates in ‘Analog mode’ or in ‘Comparator mode’.
In ‘Analog mode’ the output signal represents the measured IR radiation, respectively the temperature
as an analog DC voltage.
In ‘Comparator mode’ the measured IR radiation, respectively the temperature is compared to a pro-
grammed threshold. For slowly changing signals an additional hysteresis can be configured. If the
measured signal is above the threshold, +5VDC (logical high) is applied to the output. If the measured
signal is below the threshold, 0VDC (logical low)is applied to the output.
For detailed information about the output configuration refer to application note: A2TPMI Serial Interface
description, or contact PerkinElmer application support.


Similar Part No. - A2TPMI336AGXXOAV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

Similar Description - A2TPMI336AGXXOAV

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com