Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ4689T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSZ4689T1G
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ4689T1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMSZ4689T1G Datasheet HTML 1Page - ON Semiconductor MMSZ4689T1G Datasheet HTML 2Page - ON Semiconductor MMSZ4689T1G Datasheet HTML 3Page - ON Semiconductor MMSZ4689T1G Datasheet HTML 4Page - ON Semiconductor MMSZ4689T1G Datasheet HTML 5Page - ON Semiconductor MMSZ4689T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMSZ4678T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device*
Device
Marking
Zener Voltage (Note 3)
Leakage Current
VZ (Volts)
@ IZT
IR @ VR
Min
Nom
Max
mA
mA
Volts
MMSZ4678T1, G
CC
1.71
1.8
1.89
50
7.5
1
MMSZ4679T1, G
CD
1.90
2.0
2.10
50
5
1
MMSZ4680T1, G
CE
2.09
2.2
2.31
50
4
1
MMSZ4681T1, G
CF
2.28
2.4
2.52
50
2
1
MMSZ4682T1, G
CH
2.565
2.7
2.835
50
1
1
MMSZ4683T1, G
CJ
2.85
3.0
3.15
50
0.8
1
MMSZ4684T1, G
CK
3.13
3.3
3.47
50
7.5
1.5
MMSZ4685T1, G
CM
3.42
3.6
3.78
50
7.5
2
MMSZ4686T1, G
CN
3.70
3.9
4.10
50
5
2
MMSZ4687T1, G
CP
4.09
4.3
4.52
50
4
2
MMSZ4688T1, G
CT
4.47
4.7
4.94
50
10
3
MMSZ4689T1, G
CU
4.85
5.1
5.36
50
10
3
MMSZ4690T1, G
CV
5.32
5.6
5.88
50
10
4
MMSZ4691T1, G
CA
5.89
6.2
6.51
50
10
5
MMSZ4692T1, G
CX
6.46
6.8
7.14
50
10
5.1
MMSZ4693T1, G
CY
7.13
7.5
7.88
50
10
5.7
MMSZ4694T1, G
CZ
7.79
8.2
8.61
50
1
6.2
MMSZ4695T1, G
DC
8.27
8.7
9.14
50
1
6.6
MMSZ4696T1, G
DD
8.65
9.1
9.56
50
1
6.9
MMSZ4697T1, G
DE
9.50
10
10.50
50
1
7.6
MMSZ4698T1, G
DF
10.45
11
11.55
50
0.05
8.4
MMSZ4699T1, G
DH
11.40
12
12.60
50
0.05
9.1
MMSZ4700T1, G
DJ
12.35
13
13.65
50
0.05
9.8
MMSZ4701T1, G
DK
13.30
14
14.70
50
0.05
10.6
MMSZ4702T1, G
DM
14.25
15
15.75
50
0.05
11.4
MMSZ4703T1, G
DN
15.20
16
16.80
50
0.05
12.1
MMSZ4704T1, G
DP
16.15
17
17.85
50
0.05
12.9
MMSZ4705T1, G
DT
17.10
18
18.90
50
0.05
13.6
MMSZ4706T1, G
DU
18.05
19
19.95
50
0.05
14.4
MMSZ4707T1, G
DV
19.00
20
21.00
50
0.01
15.2
MMSZ4708T1, G
DA
20.90
22
23.10
50
0.01
16.7
MMSZ4709T1, G
DX
22.80
24
25.20
50
0.01
18.2
MMSZ4710T1, G
DY
23.75
25
26.25
50
0.01
19.0
MMSZ4711T1, G
EA
25.65
27
28.35
50
0.01
20.4
MMSZ4712T1
EC
26.60
28
29.40
50
0.01
21.2
MMSZ4713T1, G
ED
28.50
30
31.50
50
0.01
22.8
MMSZ4714T1, G
EE
31.35
33
34.65
50
0.01
25.0
MMSZ4715T1, G
EF
34.20
36
37.80
50
0.01
27.3
MMSZ4716T1, G
EH
37.05
39
40.95
50
0.01
29.6
MMSZ4717T1, G
EJ
40.85
43
45.15
50
0.01
32.6
3. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30°C ±1°C.
*The “G’’ suffix indicates Pb−Free package available.
†MMSZ4703 and MMSZ4711 Not Available in 10,000/Tape & Reel


Similar Part No. - MMSZ4689T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ4689T1G ONSEMI-MMSZ4689T1G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ4689T1G ONSEMI-MMSZ4689T1G Datasheet
168Kb / 7P
   Zener Voltage Regulators 500 mW, Low IZT SOD-123 Surface Mount
April, 2018 - Rev. 12
More results

Similar Description - MMSZ4689T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ5248ET1G ONSEMI-MMSZ5248ET1G Datasheet
154Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 8
MMSZ2V4ET1 ONSEMI-MMSZ2V4ET1_06 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com