Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5262ELT1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMBZ5262ELT1
Description  Zener Voltage Regulators 225 mW SOT??3 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5262ELT1 Datasheet(HTML) 6 Page - ON Semiconductor

  MMBZ5262ELT1 Datasheet HTML 1Page - ON Semiconductor MMBZ5262ELT1 Datasheet HTML 2Page - ON Semiconductor MMBZ5262ELT1 Datasheet HTML 3Page - ON Semiconductor MMBZ5262ELT1 Datasheet HTML 4Page - ON Semiconductor MMBZ5262ELT1 Datasheet HTML 5Page - ON Semiconductor MMBZ5262ELT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MMBZ5221ELT1 Series
http://onsemi.com
6
PACKAGE DIMENSIONS
SOT−23
TO−236AB
CASE 318−08
ISSUE AM
mm
inches
SCALE 10:1
0.8
0.031
0.9
0.035
0.95
0.037
0.95
0.037
2.0
0.079
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
D
A1
3
12
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS OF
BASE MATERIAL.
4. 318−01 THRU −07 AND −09 OBSOLETE, NEW
STANDARD 318−08.
VIEW C
L
0.25
L1
q
e
E
E
b
A
SEE VIEW C
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.89
1.00
1.11
0.035
INCHES
A1
0.01
0.06
0.10
0.001
b
0.37
0.44
0.50
0.015
c
0.09
0.13
0.18
0.003
D
2.80
2.90
3.04
0.110
E
1.20
1.30
1.40
0.047
e
1.78
1.90
2.04
0.070
L
0.10
0.20
0.30
0.004
0.040
0.044
0.002
0.004
0.018
0.020
0.005
0.007
0.114
0.120
0.051
0.055
0.075
0.081
0.008
0.012
NOM
MAX
L1
H
2.10
2.40
2.64
0.083
0.094
0.104
H E
0.35
0.54
0.69
0.014
0.021
0.029
STYLE 8:
PIN 1. ANODE
2. NO CONNECTION
3. CATHODE
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MMBZ5221ELT1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - MMBZ5262ELT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5262ELT1 ONSEMI-MMBZ5262ELT1 Datasheet
73Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 4
MMBZ5262ELT1 ONSEMI-MMBZ5262ELT1 Datasheet
166Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
MMBZ5262ELT1T3G ONSEMI-MMBZ5262ELT1T3G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
More results

Similar Description - MMBZ5262ELT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX84B4V7LT1 ONSEMI-BZX84B4V7LT1_09 Datasheet
182Kb / 7P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
SZBZX84C3V6ET1G ONSEMI-SZBZX84C3V6ET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
January, 2012 ??Rev. 8
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_09 Datasheet
160Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 6
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
223Kb / 8P
   Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com