Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1025YI-30T2 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT1025YI-30T2
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1025YI-30T2 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT1025YI-30T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1025YI-30T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1025YI-30T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1025YI-30T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1025YI-30T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1025YI-30T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1025YI-30T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1025YI-30T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1025YI-30T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CAT1024, CAT1025
© 2007 Catalyst Semiconductor, Inc.
1
Doc. No. 3008 Rev. N
Characteristics subject to change without notice
Supervisory Circuits with I
2C Serial 2k-bit
CMOS EEPROM and Manual Reset
FEATURES
Precision Power Supply Voltage Monitor
— 5V, 3.3V and 3V systems
— Five threshold voltage options
Active High or Low Reset
— Valid reset guaranteed at VCC = 1V
400kHz I
2C Bus
2.7V to 5.5V Operation
Low power CMOS technology
16-Byte Page Write Buffer
Built-in inadvertent write protection
— WP pin (CAT1025)
1,000,000 Program/Erase cycles
Manual Reset Input
100 year data retention
Industrial and extended temperature ranges
Green packages available with NiPdAu Lead
finished
For Ordering Information details, see page 19.
DESCRIPTION
The CAT1024 and CAT1025 are complete memory
and supervisory solutions for microcontroller-based
systems. A 2k-bit serial EEPROM memory and a
system power supervisor with brown-out protection
are integrated together in low power CMOS techno–
logy. Memory interface is via a 400kHz I
2C bus.
The CAT1025 provides a precision VCC sense circuit
and two open drain outputs: one (RESET) drives high
and the other (RESET
¯¯¯¯¯¯) drives low whenever VCC falls
below the reset threshold voltage. The CAT1025 also
has a Write Protect input (WP). Write operations are
disabled if WP is connected to a logic high.
The CAT1024 also provides a precision VCC sense
circuit, but has only a RESET
¯¯¯¯¯¯ output and does not
have a Write Protect input.
The power supply monitor and reset circuit protect
memory and system controllers during power up/down
and against brownout conditions. Five reset threshold
voltages support 5V, 3.3V and 3V systems. If power
supply voltages are out of tolerance reset signals
become active, preventing the system microcontroller,
ASIC or peripherals from operating. Reset signals
become inactive typically 200 ms after the supply
voltage exceeds the reset threshold level. With both
active high and low reset signals, interface to
microcontrollers and other ICs is simple. In addition,
the RESET
¯¯¯¯¯¯ pin or a separate input, MR
¯¯¯, can be used
as an input for push-button manual reset capability.
The CAT1024/25 memory features a 16-byte page. In
addition, hardware data protection is provided by a
VCC sense circuit that prevents writes to memory
whenever VCC falls below the reset threshold or until
VCC reaches the reset threshold during power up.
Available packages include an 8-pin DIP and a
surface mount 8-pin SO, 8-pin TSSOP, 8-pin TDFN
and 8-pin MSOP packages. The TDFN package thick-
ness is 0.8mm maximum. TDFN footprint is 3x3mm.


Similar Part No. - CAT1025YI-30T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1025YI-30TE13 CATALYST-CAT1025YI-30TE13 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
More results

Similar Description - CAT1025YI-30T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025SI-30 ONSEMI-CAT1025SI-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1024 ONSEMI-CAT1024 Datasheet
547Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WE-30 ONSEMI-CAT1025WE-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI30 ONSEMI-CAT1025WI30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com