Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMT05A310T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMT05A310T3
Description  Thyristor Surge Protectors High Voltage Bidirectional TSPD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMT05A310T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MMT05A310T3 Datasheet HTML 1Page - ON Semiconductor MMT05A310T3 Datasheet HTML 2Page - ON Semiconductor MMT05A310T3 Datasheet HTML 3Page - ON Semiconductor MMT05A310T3 Datasheet HTML 4Page - ON Semiconductor MMT05A310T3 Datasheet HTML 5Page - ON Semiconductor MMT05A310T3 Datasheet HTML 6Page - ON Semiconductor MMT05A310T3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMT05A230T3, MMT05A260T3, MMT05A310T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Operating Temperature Range
Blocking or Conducting State
TJ1
−40 to + 125
°C
Overload Junction Temperature − Maximum Conducting State Only
TJ2
+ 175
°C
Instantaneous Peak Power Dissipation (Ipk = 50A, 10x1000 μsec @ 25°C)
PPK
2000
W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Devices are bidirectional. All electrical parameters apply to forward and reverse polarities.
Characteristics
Symbol
Min
Typ
Max
Unit
Breakover Voltage (Both polarities)
(dv/dt = 100 V/
μs, ISC = 1.0 A, Vdc = 1000 V)
MMT05A230T3
MMT05A260T3
MMT05A310T3
(+65
°C)
MMT05A230T3
MMT05A260T3
MMT05A310T3
V(BO)
265
320
365
280
340
400
Volts
Breakover Voltage (Both polarities)
(f = 60 Hz, ISC = 1.0 A(rms), VOC = 1000 V(rms),
MMT05A230T3
RI = 1.0 kΩ, t = 0.5 cycle) (Note 3)
MMT05A260T3
MMT05A310T3
(+65
°C)
MMT05A230T3
MMT05A260T3
MMT05A310T3
V(BO)
265
320
365
280
340
400
Volts
Breakover Voltage Temperature Coefficient
dV(BO)/dTJ
0.08
%/
°C
Breakdown Voltage (I(BR) = 1.0 mA) Both polarities
MMT05A230T3
MMT05A260T3
MMT05A310T3
V(BR)
190
240
280
Volts
Off State Current (VD1 = 50 V) Both polarities
Off State Current (VD2 = VDM) Both polarities
ID1
ID2
2.0
5.0
μA
On−State Voltage (IT = 1.0 A)
(PW
≤ 300 μs, Duty Cycle ≤ 2%) (Note 3)
VT
1.53
3.0
Volts
Breakover Current (f = 60 Hz, VDM = 1000 V(rms), RS = 1.0 kΩ)
Both polarities
IBO
230
mA
Holding Current (Both polarities)
(Note 3)
VS = 500 Volts; IT (Initiating Current) = "1.0 Amp
IH
150
340
mA
Critical Rate of Rise of Off−State Voltage
(Linear waveform, VD = Rated VBR, TJ = 25°C)
dv/dt
2000
V/
μs
Capacitance (f = 1.0 MHz, 50 Vdc, 1.0 V(rms) Signal)
Capacitance (f = 1.0 MHz, 2.0 Vdc, 1.0 V(rms) Signal)
CO
22
35
50
pF
3. Measured under pulse conditions to reduce heating.


Similar Part No. - MMT05A310T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT05A310T3 ONSEMI-MMT05A310T3 Datasheet
49Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
March, 2004 ??Rev. 4
More results

Similar Description - MMT05A310T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT08B260T3 ONSEMI-MMT08B260T3 Datasheet
59Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 3
MMT10B350T3 ONSEMI-MMT10B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 2
MMT08B350T3 ONSEMI-MMT08B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
February, 2006 ??Rev. 1
MMT05A230T3 ONSEMI-MMT05A230T3 Datasheet
49Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
March, 2004 ??Rev. 4
MMT10B230T3 ONSEMI-MMT10B230T3_05 Datasheet
60Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 8
MMT05B350T3 ONSEMI-MMT05B350T3 Datasheet
63Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 2
MMT05B230T3 ONSEMI-MMT05B230T3_06 Datasheet
61Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 9
MMT08B310T3 ONSEMI-MMT08B310T3_05 Datasheet
58Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 3
NP0640SXT3G ONSEMI-NP0640SXT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
logo
Bourns Electronic Solut...
TISP4X00F3 BOURNS-TISP4X00F3 Datasheet
352Kb / 11P
   HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com