Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMT05A310T3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMT05A310T3
Description  Thyristor Surge Protectors High Voltage Bidirectional TSPD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMT05A310T3 Datasheet(HTML) 6 Page - ON Semiconductor

  MMT05A310T3 Datasheet HTML 1Page - ON Semiconductor MMT05A310T3 Datasheet HTML 2Page - ON Semiconductor MMT05A310T3 Datasheet HTML 3Page - ON Semiconductor MMT05A310T3 Datasheet HTML 4Page - ON Semiconductor MMT05A310T3 Datasheet HTML 5Page - ON Semiconductor MMT05A310T3 Datasheet HTML 6Page - ON Semiconductor MMT05A310T3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMT05A230T3, MMT05A260T3, MMT05A310T3
http://onsemi.com
6
ORDERING INFORMATION
Device
Package
Device Marking
Shipping
MMT05A230T3
SMA
PBF
5000 / Tape & Reel (12 mm Reel)
MMT05A230T3G
SMA
(Pb−Free)
PBF
5000 / Tape & Reel (12 mm Reel)
MMT05A260T3
SMA
PBG
5000 / Tape & Reel (12 mm Reel)
MMT05A260T3G
SMA
(Pb−Free)
PBG
5000 / Tape & Reel (12 mm Reel)
MMT05A310T3
SMA
PBJ
5000 / Tape & Reel (12 mm Reel)
MMT05A310T3G
SMA
(Pb−Free)
PBJ
5000 / Tape & Reel (12 mm Reel)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MMT05A310T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT05A310T3 ONSEMI-MMT05A310T3 Datasheet
49Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
March, 2004 ??Rev. 4
More results

Similar Description - MMT05A310T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT08B260T3 ONSEMI-MMT08B260T3 Datasheet
59Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 3
MMT10B350T3 ONSEMI-MMT10B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 2
MMT08B350T3 ONSEMI-MMT08B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
February, 2006 ??Rev. 1
MMT05A230T3 ONSEMI-MMT05A230T3 Datasheet
49Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
March, 2004 ??Rev. 4
MMT10B230T3 ONSEMI-MMT10B230T3_05 Datasheet
60Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 8
MMT05B350T3 ONSEMI-MMT05B350T3 Datasheet
63Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 2
MMT05B230T3 ONSEMI-MMT05B230T3_06 Datasheet
61Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 9
MMT08B310T3 ONSEMI-MMT08B310T3_05 Datasheet
58Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 3
NP0640SXT3G ONSEMI-NP0640SXT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
logo
Bourns Electronic Solut...
TISP4X00F3 BOURNS-TISP4X00F3 Datasheet
352Kb / 11P
   HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com