Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

208-1112LPTNP Datasheet(PDF) 3 Page - CTS Corporation

Part # 208-1112LPTNP
Description  Multifunctional Through Hole Through Hole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

208-1112LPTNP Datasheet(HTML) 3 Page - CTS Corporation

  208-1112LPTNP Datasheet HTML 1Page - CTS Corporation 208-1112LPTNP Datasheet HTML 2Page - CTS Corporation 208-1112LPTNP Datasheet HTML 3Page - CTS Corporation 208-1112LPTNP Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3PST Series 206/208
Low Profile Actuators Series 206/208 (SPST & SPDT only)
Extended Actuators Series 206/208 (SPST & SPDT only)
DIMENSION:
mm
inch
DIMENSION:
mm
inch
DIMENSION:
mm
inch
TYP
0.48±0.08
.019±.003
TYP.
SWITCH PART NO.
.050
1.27
12 IN THIS AREA
NO. 1 THROUGH
SWITCH PART NO.
12 IN THIS AREA
NO. 1 THROUGH
1.27
.050
MOUNTING
DATE CODE
SURFACE
TYP
2.54
.100
0.48±0.08
.019±.003
.300
7.62
MOUNTING
SURFACE
.385±.010
9.78±0.25
DATE CODE
.080
.160
4.06
2.03
9.78±0.25
.385±.010
.160
.030
4.06
0.76
.100
2.54
.300
7.62
TYP
SWITCH PART NUMBER
NO. 1 THROUGH
4 IN THIS AREA
±0.25
±.010
"A"
.385±.010
9.78±0.25
DATE CODE
.080
2.03
.160
4.06
2.54
.100
-0.13
7.62
0.48±0.08
.300
0.25±0.08
.010±.003
7.62
.300
+0.38
-0.13
-.005
+.015
.015
0.38
.135
3.43
+.010
-0.51
3.81
+0.25
-.020
.150
.019±.003
.150
3.81
TYP
-.020
+.010
-0.51
+0.25
TYP.
+0.38
-0.13
-.005
+.015
7.62
.300
0.25±0.08
0.38
.015
.010±.003
STANDOFF
-.005
+.015
.010
2.03
.080
0.25
SLIDE TRAVEL
3.81
-.020
-0.51
+.010
+0.25
TYP.
8.89
.350
0.38
.015
.015
0.89
.035
7.62
.300
+0.38
O
N
2
1
3
11
5
4
12
O
N
CTS
2
1
3 4 5 6
12
4
CTS
N
O
1
SCHEMATIC
±0.25
±.010
"A"
±0.25
±.010
"A"
3 - 4
© 2006 CTS Corporation. All rights reserved. Information subject to change.
6/30/06
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 208-1112LPTNP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
208-11502203XXXX VISHAY-208-11502203XXXX Datasheet
103Kb / 4P
   1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
01-Jan-2022
More results

Similar Description - 208-1112LPTNP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
2083LPST CTS-2083LPST Datasheet
386Kb / 4P
   Multifunctional Through Hole DIP Switches
206 CTS-206 Datasheet
130Kb / 4P
   Multifunctional through hole DIP switches
206221 CTS-206221 Datasheet
386Kb / 4P
   Multifunctional Through Hole DIP Switches
logo
Rohm
SLA580 ROHM-SLA580 Datasheet
94Kb / 2P
   Through-hole LEDs
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com