Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10178P Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10178P
Description  Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10178P Datasheet(HTML) 1 Page - ON Semiconductor

  MC10178P Datasheet HTML 1Page - ON Semiconductor MC10178P Datasheet HTML 2Page - ON Semiconductor MC10178P Datasheet HTML 3Page - ON Semiconductor MC10178P Datasheet HTML 4Page - ON Semiconductor MC10178P Datasheet HTML 5Page - ON Semiconductor MC10178P Datasheet HTML 6Page - ON Semiconductor MC10178P Datasheet HTML 7Page - ON Semiconductor MC10178P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 7
1
Publication Order Number:
MC10178/D
MC10178
Binary Counter
The MC10178 is a four–bit counter capable of divide–by–two,
divide–by–four, divide–by–eight or a divide–by–sixteen function.
Clock inputs trigger on the positive going edge of the clock pulse.
Set and Reset inputs override the clock, allowing asynchronous “set”
or “clear.” Individual Set and common Reset inputs are provided, as
well as complementary outputs for the first and fourth bits. True
outputs are available at all bits.
P
D = 370 mW typ/pkg (No Load)
f
toggle=150 MHz (typ)
t
r, tf = 2.7 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
11
S0
Q0
Q0
14
9
10
12
Clock 1
Clock 2
Reset
D1
C1
C2
R Q
Q'
Q'
Q
S
15
7
S1
Q1
D1
C1
R
Q'
Q'
S
13
6
S2
Q2
D1
C1
R
Q
Q'
Q'
S
4
5
S3
Q3
Q3
3
D1
C1
R
Q
Q
'
S
2
Q
Q
TRUTH TABLE
INPUTS
OUTPUTS
R
S0
S1
S2
S3
C1
C2
Q0
Q1
Q2
Q3
H
L
L
L
L
X
X
L
L
L
L
L
H
H
H
H
X
X
H
H
H
H
L
L
L
L
L
H
X
No Count
L
L
L
L
L
X
H
No Count
L
L
L
L
L
**
L
L
L
L
L
L
L
L
L
**
H
L
L
L
L
L
L
L
L
**
L
H
L
L
L
L
L
L
L
**
H
H
L
L
L
L
L
L
L
**
L
L
H
L
L
L
L
L
L
**
H
L
H
L
L
L
L
L
L
**
L
H
H
L
L
L
L
L
L
**
H
H
H
L
L
L
L
L
L
**
L
L
L
H
L
L
L
L
L
**
H
L
L
H
L
L
L
L
L
**
L
H
L
H
L
L
L
L
L
**
H
H
L
H
L
L
L
L
L
**
L
L
H
H
L
L
L
L
L
**
H
L
H
H
L
L
L
L
L
**
L
H
H
H
L
L
L
L
L
**
H
H
H
H
**
Clock transition from VIL to VIH may be applied to C1 or C2 or both for
same effect.
VIL
VIH
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10178L
CDIP–16
25 Units / Rail
MC10178P
PDIP–16
25 Units / Rail
MC10178FN
PLCC–20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10178L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10178
AWLYYWW
1
1
16
MC10178P
AWLYYWW
DIP PIN ASSIGNMENT
VCC1
Q3
Q3
Q2
S3
S2
S1
VEE
VCC2
Q0
Q0
Q1
CLOCK 1
S0
CLOCK 2
RESET
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables
on page 18 of the ON Semiconductor MECL Data Book
(DL122/D).


Similar Part No. - MC10178P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10178 ONSEMI-MC10178 Datasheet
109Kb / 5P
   Binary Counter
1996 REV 5
More results

Similar Description - MC10178P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPG1654 MOTOROLA-MPG1654 Datasheet
204Kb / 6P
   Binary Counter
logo
Toshiba Semiconductor
TC5027BP TOSHIBA-TC5027BP Datasheet
197Kb / 4P
   BINARY COUNTER
logo
ON Semiconductor
MC10178 ONSEMI-MC10178 Datasheet
109Kb / 5P
   Binary Counter
1996 REV 5
logo
Motorola, Inc
MC10154 MOTOROLA-MC10154 Datasheet
85Kb / 4P
   Binary Counter
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
STMicroelectronics
M54HCT393 STMICROELECTRONICS-M54HCT393 Datasheet
254Kb / 12P
   DUAL BINARY COUNTER
logo
Toshiba Semiconductor
74VHC393FT TOSHIBA-74VHC393FT Datasheet
192Kb / 12P
   Dual Binary Counter
2017-02-22
TC74HC393AP TOSHIBA-TC74HC393AP Datasheet
288Kb / 8P
   DUAL BINARY COUNTER
TC74VHC393F TOSHIBA-TC74VHC393F Datasheet
257Kb / 7P
   DUAL BINARY COUNTER
logo
NXP Semiconductors
HEF4520B PHILIPS-HEF4520B Datasheet
64Kb / 7P
   Dual binary counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com