Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS750XCA-050 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS750XCA-050
Description  Current Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS750XCA-050 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS750XCA-050 Datasheet HTML 1Page - Allegro MicroSystems ACS750XCA-050 Datasheet HTML 2Page - Allegro MicroSystems ACS750XCA-050 Datasheet HTML 3Page - Allegro MicroSystems ACS750XCA-050 Datasheet HTML 4Page - Allegro MicroSystems ACS750XCA-050 Datasheet HTML 5Page - Allegro MicroSystems ACS750XCA-050 Datasheet HTML 6Page - Allegro MicroSystems ACS750XCA-050 Datasheet HTML 7Page - Allegro MicroSystems ACS750XCA-050 Datasheet HTML 8Page - Allegro MicroSystems ACS750XCA-050 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Current Sensor: ACS750xCA-050
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ACS75050-DS Rev.
7
Always order by complete part number:
ACS750SCA-050
ACS750LCA-050
Features and Benefits
• Monolithic Hall IC for high reliability
• Single +5 V supply
• 3 kVRMS isolation voltage between terminals 4/5 and pins 1/2/3
• Lead-free
• Automotive temperature range available
• End-of-line factory-trimmed for gain and offset
• Ultra-low power loss: 130 µΩ internal conductor resistance
• Ratiometric output from supply voltage
• Extremely stable output offset voltage
• Small package size, with easy mounting capability
• Output proportional to ac and dc currents
Applications
• Industrial systems
• Motor control
• Power conversion
• Battery monitors
• Automotive systems
The Allegro ACS75x family of current sensors provides economical and
precise solutions for current sensing in industrial, automotive, commercial, and
communications systems. The device package allows for easy implementation
by the customer. Typical applications include motor control, load detection and
management, power supplies, and overcurrent fault protection.
The device consists of a precision, low-offset linear Hall sensor circuit with a
copper conduction path located near the die. Applied current flowing through
this copper conduction path generates a magnetic field which is sensed by the
integrated Hall IC and converted into a proportional voltage. Device accuracy
is optimized through the close proximity of the magnetic signal to the Hall
transducer. A precise, proportional voltage is provided by the low-offset, chopper-
stabilized BiCMOS Hall IC, which is programmed for accuracy at the factory.
The output of the device has a positive slope (>VCC/2) when an increasing
current flows through the primary copper conduction path (from terminal 4 to
terminal 5), which is the path used for current sensing. The internal resistance of
this conductive path is typically 130 µΩ, providing low power loss. The thickness
of the copper conductor allows survival of the device at up to 5× overcurrent
conditions. The terminals of the conductive path are electrically isolated from the
sensor leads (pins 1 through 3). This allows the ACS75x family of sensors to be
used in applications requiring electrical isolation without the use of opto-isolators
or other costly isolation techniques.
The device is fully calibrated prior to shipment from the factory. The ACS75x
family is lead-free. All leads are coated with 100% matte tin, and there is no lead
inside the package. The heavy gauge leadframe is made of oxygen-free copper.
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
S .....................................................–20 to +85ºC
L ...................................................–40 to +150ºC
Supply Voltage, Vcc...........................................16 V
Reverse Supply Voltage, VRCC ........................–16 V
Output Voltage ...................................................16 V
Reverse Output Voltage, VROUT......................–0.1 V
Output Current Source ..................................... 3 mA
Output Current Sink........................................10 mA
Maximum Storage Temperature...........–65 to 170°C
Maximum Junction Temperature .................... 165°C
1 2
3
4
5
Pin 1: VCC
Pin 2: Gnd
Pin 3: Output
Terminal 4: Ip+
Terminal 5: Ip-
TÜV America
Certificate Number:
U8V 04 11 54214 002


Similar Part No. - ACS750XCA-050

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS750XCA-050 ALLEGRO-ACS750XCA-050 Datasheet
499Kb / 12P
   Industrial systems, Motor control, Power conversion, Battery monitors, Automotive systems
More results

Similar Description - ACS750XCA-050

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
   Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
   Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
   Current Sensor
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
   Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
   Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
   CURRENT SENSOR
logo
Diodes Incorporated
ZMC10D DIODES-ZMC10D Datasheet
251Kb / 4P
   Current Sensor
logo
Zetex Semiconductors
ZMC10D ZETEX-ZMC10D Datasheet
244Kb / 4P
   Current Sensor
logo
CUI INC
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
   CURRENT SENSOR
02/19/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com