Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2TPMI334AOCA Datasheet(PDF) 8 Page - PerkinElmer Optoelectronics

Part # A2TPMI334AOCA
Description  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI334AOCA Datasheet(HTML) 8 Page - PerkinElmer Optoelectronics

Back Button A2TPMI334AOCA Datasheet HTML 4Page - PerkinElmer Optoelectronics A2TPMI334AOCA Datasheet HTML 5Page - PerkinElmer Optoelectronics A2TPMI334AOCA Datasheet HTML 6Page - PerkinElmer Optoelectronics A2TPMI334AOCA Datasheet HTML 7Page - PerkinElmer Optoelectronics A2TPMI334AOCA Datasheet HTML 8Page - PerkinElmer Optoelectronics A2TPMI334AOCA Datasheet HTML 9Page - PerkinElmer Optoelectronics A2TPMI334AOCA Datasheet HTML 10Page - PerkinElmer Optoelectronics A2TPMI334AOCA Datasheet HTML 11Page - PerkinElmer Optoelectronics A2TPMI334AOCA Datasheet HTML 12Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 8 of 21
Rev. Oct 2003
Optical Characteristics (continued)
Symbol
Parameter
Min
Typ
Max
Unit Conditions
Lens Cap Type (L10.6)
FOV
Field of view
5
8
°
50% rel. output signal
OA
Optical axis
0
±2
°
D:S
Distance to spot size ratio
11:1
Filter Characteristics
Parameter
Min
Typ
Max
Unit Conditions
Standard Filter
Average Transmission
70
%
Wavelength range from
7.5 µm to 13.5 µm
Average Transmission
0.5
%
Wavelength range from
visual to 5 µm
Cut On
5.2
5.5
5.8
µm
At 25°C
G9 Filter
Average Transmission
70
%
Wavelength range from 9
µm to 13 µm
Average Transmission
1
%
Wavelength range from
visual to bandpass
Cut On
7.8
8
8.2
µm
At 25°C
Uncoated Silicon Lens (G12)
Average Transmission
52
%
Wavelength range from
5.5 µm to 13.5 µm
PerkinElmer offers a wide range of Infrared Filters available in many different filter characteristics.
Please contact PerkinElmer if you have special requirements or need further information.


Similar Part No. - A2TPMI334AOCA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

Similar Description - A2TPMI334AOCA

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com