Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS706ELC-05C Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS706ELC-05C
Description  Bidirectional 1.5 m廓 Hall Effect Based Linear Current Sensor with Voltage Isolation and 15 A Dynamic Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS706ELC-05C Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS706ELC-05C Datasheet HTML 1Page - Allegro MicroSystems ACS706ELC-05C Datasheet HTML 2Page - Allegro MicroSystems ACS706ELC-05C Datasheet HTML 3Page - Allegro MicroSystems ACS706ELC-05C Datasheet HTML 4Page - Allegro MicroSystems ACS706ELC-05C Datasheet HTML 5Page - Allegro MicroSystems ACS706ELC-05C Datasheet HTML 6Page - Allegro MicroSystems ACS706ELC-05C Datasheet HTML 7Page - Allegro MicroSystems ACS706ELC-05C Datasheet HTML 8Page - Allegro MicroSystems ACS706ELC-05C Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ACS706ELC05C-DS, Rev. 1
ACS706ELC-05C
Amp
Out
VCC
+5 V
Pin 8
Pin 7
VOUT
Pin 6
N.C.
GND
Pin 5
IP+
IP+
0.1
μF
Pin 1 Pin 2
IP–
IP–
Pin 3 Pin 4
Gain
Temperature
Coefficient
Offset
Voltage
Regulator
Trim Control
To all subcircuits
A
A
Pins 6 and 7 are internally connected in shipping product.
For compatibility with future devices, leave pin 6 floating.
Functional Block Diagram


Similar Part No. - ACS706ELC-05C

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS706ELC-20A ALLEGRO-ACS706ELC-20A Datasheet
730Kb / 20P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
October 31, 2006
ACS706ELC-20A ALLEGRO-ACS706ELC-20A Datasheet
764Kb / 20P
   Bidirectional 1.5 m廓 Hall Effect Based Linear Current Sensor with Voltage Isolation and 20 A Dynamic Range
December 26, 2006
More results

Similar Description - ACS706ELC-05C

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS706ELC-20A ALLEGRO-ACS706ELC-20A Datasheet
764Kb / 20P
   Bidirectional 1.5 m廓 Hall Effect Based Linear Current Sensor with Voltage Isolation and 20 A Dynamic Range
December 26, 2006
ACS704ELC-005 ALLEGRO-ACS704ELC-005_06 Datasheet
730Kb / 20P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
October 31, 2006
ACS704ELC-015 ALLEGRO-ACS704ELC-015_06 Datasheet
685Kb / 20P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
October 31, 2006
ACS704ELC-015 ALLEGRO-ACS704ELC-015 Datasheet
571Kb / 19P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
ACS704ELC-005 ALLEGRO-ACS704ELC-005 Datasheet
489Kb / 19P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712_07 Datasheet
678Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713 Datasheet
895Kb / 10P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713_1 Datasheet
619Kb / 13P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712 Datasheet
996Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712_06 Datasheet
667Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com