Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C256XE-1.8-GT2 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT25C256XE-1.8-GT2
Description  128K/256K-Bit SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C256XE-1.8-GT2 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT25C256XE-1.8-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C256XE-1.8-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C256XE-1.8-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C256XE-1.8-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C256XE-1.8-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C256XE-1.8-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C256XE-1.8-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C256XE-1.8-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C256XE-1.8-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT25C128/256
4
Document No. 1018, Rev. I
Limits
Vcc=
VCC =VCC =
VCC=
1.8V-5.5V
2.5V-5.5V
2.7V-5.5V
4.5V-5.5V
Test
SYMBOL PARAMETER
Min. Max. Min.
Max. Min.
Max. Min. Max. UNITS Conditions
tSU
Data Setup Time
500
100
70
35
ns
tH
Data Hold Time
500
100
70
35
ns
tWH
SCK High Time
2500
250
150
80
ns
tWL
SCK Low Time
2500
250
150
80
ns
fSCK
Clock Frequency
DC
0.2
DC
2.0
DC
2.5
DC
5
MHz
tLZ
HOLD to Output Low Z
100
50
50
50
ns
tRI(3)
Input Rise Time
2
2
2
2
µs
tFI(3)
Input Fall Time
2
2
2
2
µs
tHD
HOLD Setup Time
250
100
100
40
ns
tCD
HOLD Hold Time
250
100
100
40
ns
tWC
Write Cycle Time
10
10
10
5
ms
tV
Output Valid from Clock Low
250
200
200
80
ns
tHO
Output Hold Time
0
0
0
0
ns
tDIS
Output Disable Time
250
200
200
100
ns
tHZ
HOLD to Output High Z
150
100
100
50
ns
tCS
CS High Time
100
100
100
100
ns
tCSS
CS Setup Time
100
100
100
100
ns
tCSH
CS Hold Time
100
100
100
100
ns
tWPS
WP Setup Time
50
50
50
50
ns
tWPH
WP Hold Time
50
50
50
50
ns
NOTE:
(3) This parameter is tested initially and after a design or process change that affects the parameter.
A.C. CHARACTERISTICS (CAT25C256)
CL = 50pF


Similar Part No. - CAT25C256XE-1.8-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C256 CATALYST-CAT25C256 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-1.8TE13 CATALYST-CAT25C256K-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-TE13 CATALYST-CAT25C256K-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-1.8TE13 CATALYST-CAT25C256KA-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-TE13 CATALYST-CAT25C256KA-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
More results

Similar Description - CAT25C256XE-1.8-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524AD0XD1 SAMSUNG-S524AD0XD1 Datasheet
123Kb / 16P
   128K/256K-bit Serial EEPROM for Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com