Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT812TTBIGT3 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT812TTBIGT3
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT812TTBIGT3 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT812TTBIGT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT812TTBIGT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT812TTBIGT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT812TTBIGT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT812TTBIGT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT812TTBIGT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT812TTBIGT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT812TTBIGT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT812TTBIGT3 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CAT811, CAT812
3
Doc No. 3005, Rev. R
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ELECTRICAL CHARACTERISTICS
VCC = Full range, TA = -40°C to +85°C unless otherwise noted. Typical values at TA = +25°C and VCC = 5 V for the
L/M/J versions, VCC = 3.3 V for the T/S versions, VCC = 3 V for the R version and VCC = 2.5 V for the Z version.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VCC Range
TA = 0°C to +70°C
1.0
5.5
TA = -40°C to +85°C
1.2
5.5
VCC < 5.5 V, J/L/M
8
20
VCC < 3.6 V, R/S/T/Z
6
15
TA = +25°C
4.56
4.63
4.70
TA = -40°C to +85°C
4.50
4.75
TA = +25°C
4.31
4.38
4.45
TA = -40°C to +85°C
4.25
4.50
TA = +25°C
3.93
4.00
4.06
TA = -40°C to +85°C
3.89
4.10
TA = +25°C
3.04
3.08
3.11
TA = -40°C to +85°C
3.00
3.15
TA = +25°C
2.89
2.93
2.96
TA = -40°C to +85°C
2.85
3.00
TA = +25°C
2.59
2.63
2.66
TA = -40°C to +85°C
2.55
2.70
TA = +25°C
2.28
2.32
2.35
TA = -40°C to +85°C
2.25
2.38
TA = -40˚C to +85˚C
Supply Current
ICC
V
µA
L Threshold
M Threshold
J Threshold
T Threshold
S Threshold
R Threshold
Z Threshold
V
Reset
Threshold
Voltage
VTH
ABSOLUTE MAXIMUM RATINGS*
Any pin with respect to ground .......... -0.3 V to +6.0 V
Input Current, VCC ............................................. 20 mA
Output Current, RESET,
RESET ...................... 20 mA
Rate of Rise, VCC ............................................................. 100 V/
µs
Continuous Power Dissipation
Derate 4mW/
°C above 70°C (SOT143) ........ 320 mW
Operating Temperature Range ........... -40
°C to +85°C
Storage Temperature Range ............ -65
°C to +105°C
Lead Soldering Temperature (10 sec) .............. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside of those listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for extended periods
may affect device performance and reliability.


Similar Part No. - CAT812TTBIGT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT812TTBI-GT10 CATALYST-CAT812TTBI-GT10 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT812TTBI-GT10 ONSEMI-CAT812TTBI-GT10 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT812TTBI-GT3 CATALYST-CAT812TTBI-GT3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT812TTBI-GT3 ONSEMI-CAT812TTBI-GT3 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT812TTBI-GT3 ONSEMI-CAT812TTBI-GT3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results

Similar Description - CAT812TTBIGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com