Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50111GAG2 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # ZL50111GAG2
Description  128, 256 and 1024 Channel CESoP Processors
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50111GAG2 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button ZL50111GAG2 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50111GAG2 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50111GAG2 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50111GAG2 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50111GAG2 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50111GAG2 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50111GAG2 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL50111GAG2 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL50111GAG2 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
ZL50110/11/14
Data Sheet
11
Zarlink Semiconductor Inc.
1.0
Changes Summary
The following table captures the changes from the February 2006 issue.
The following table captures the changes from the April 2005 issue.
The following table captures the changes from the January 2005 issue.
The following table captures the changes from the October 2004 issue.
The following table captures the changes from the September 2004 issue.
Page
Item
Change
86
Table 38, Table 38 - External
Memory Timing
Added Minimum Values
Page
Item
Change
Clarified ZL50111 supports 3 MII ports, ZL50110/4 support 2 MII
ports.
41, 42
Section 3.6 and Section 3.7.2
Added external pull-up/pull-down resistor recommendations for
SYSTEM_RST, SYSTEM_DEBUG, JTAG_TRST, JTAG_TCK.
57
Section 6.3
Added Section 6.3 SYSTEM_CLK Considerations.
Page
Item
Change
Clarified data sheet to indicate ZL5011x supports clock
recovery in both synchronous and asynchronous modes of
operation.
89
Figure 44
Inverted polarity of CPU_DREQ0 and CPU_DREQ1 to conform
with default MPC8260. Polarity of CPU_DREQ and
CPU_SDACK remains programmable through API.
89
Figure 45
Inverted polarity of CPU_DREQ0 and CPU_DREQ1 to conform
with default MPC8260. Polarity of CPU_DREQ and
CPU_SDACK remains programmable through API.
Page
Item
Change
42
Section 3.7.1
Added 5 kohm pulldown recommendation to GPIO signals.
Page
Item
Change
12, 16, 19
Fig. 2 and Ball Signal
Assignment Table
Corrected Mx_LINKUP_LED pin assignment.
73
DC Electrical Characteristics
Table and Output Levels Table
Changed Electrical Characteristics to differentiate between
3.3 V and 5 V tolerant signals.
98
Section 13.3
New section added; Mx_LINKUP_LED Outputs.


Similar Part No. - ZL50111GAG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50111GAG2 ZARLINK-ZL50111GAG2 Datasheet
1Mb / 112P
   128, 256, 512 and 1024 Channel CESoP Processors
More results

Similar Description - ZL50111GAG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110_08 Datasheet
1Mb / 112P
   128, 256, 512 and 1024 Channel CESoP Processors
ZL50119 ZARLINK-ZL50119 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
ZL50117 ZARLINK-ZL50117_06 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
logo
Analog Devices
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
logo
National Semiconductor ...
NM93C13 NSC-NM93C13 Datasheet
161Kb / 8P
   256-/1024-Bit Serial EEPROM
logo
Analog Devices
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
logo
National Semiconductor ...
DM54S287 NSC-DM54S287 Datasheet
124Kb / 4P
   (256 x 4) 1024-BIT TTL PROM
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
logo
National Semiconductor ...
DM54S387 NSC-DM54S387 Datasheet
123Kb / 4P
   256 X 4 1024-Bit TTL PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com