Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9954HV4I-T2 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT9954HV4I-T2
Description  8-bit I2C and SMBus I/O Port with Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT9954HV4I-T2 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT9954HV4I-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT9954HV4I-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT9954HV4I-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT9954HV4I-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT9954HV4I-T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT9954HV4I-T2 Datasheet HTML 10Page - Catalyst Semiconductor CAT9954HV4I-T2 Datasheet HTML 11Page - Catalyst Semiconductor CAT9954HV4I-T2 Datasheet HTML 12Page - Catalyst Semiconductor CAT9954HV4I-T2 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT9554, CAT9554A
9
Doc. No. 25088, Rev. B
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 8. Acknowledge Timing
Acknowledge
After a successful data transfer, each receiving device
is required to generate an acknowledge. The
acknowledging device pulls down the SDA line during
the ninth clock cycle, signaling that it received the 8 bits
of data. The SDA line remains stable LOW during the
HIGH period of the acknowledge related clock pulse
(Figure 5).
The CAT9554/9554A respond with an acknowledge
after receiving a START condition and its slave address.
If the device has been selected along with a write
operation, it responds with an acknowledge after
receiving each 8-bit byte.
When the CAT9554/9554A begins a READ mode it
transmits 8 bits of data, releases the SDA line, and
monitors the line for an acknowledge. Once it receives
this acknowledge, the CAT9554/9554A will continue to
transmit data. If no acknowledge is sent by the Master,
the device terminates data transmission and waits for a
STOP condition. The master must then issue a STOP
condition to return the CAT9554/9554A to the standby
power mode and place the device in a known state.
Registers and Bus Transactions
The CAT9554/9554A consist of an input port register,
an output port register, a polarity inversion register and
a configuration register. Table 1 shows the register
address table. Tables 2 to 5 list Register 0 through
Register 3 information.
The command byte is the first byte to follow the device
address byte during a write/read bus transaction. The
register command byte acts as a pointer to determine
which register will be written or read.
The input port register is a read only port. It reflects the
incoming logic levels of the I/O pins, regardless of
whether the pin is defined as an input or an output by the
configuration register. Writes to the input port register
are ignored.
18
9
START
SCL FROM
MASTER
BUS RELEASE DELAY (TRANSMITTER)
ACK DELAY
ACK SETUP
BUS RELEASE DELAY (RECEIVER)
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
d
n
a
m
m
o
C
)
x
e
h
(
l
o
c
o
t
o
r
Pn
o
i
t
c
n
u
F
0
0
x
0e
t
y
b
d
a
e
Rr
e
t
s
i
g
e
r
t
r
o
p
t
u
p
n
I
1
0
x
0e
t
y
b
e
t
i
r
w
/
d
a
e
Rr
e
t
s
i
g
e
r
t
r
o
p
t
u
p
t
u
O
2
0
x
0e
t
y
b
e
t
i
r
w
/
d
a
e
Rr
e
t
s
i
g
e
r
n
o
i
s
r
e
v
n
i
y
t
i
r
a
l
o
P
3
0
x
0e
t
y
b
e
t
i
r
w
/
d
a
e
Rr
e
t
s
i
g
e
r
n
o
i
t
a
r
u
g
i
f
n
o
C
Table 1. Register Command Byte
Table 3. Register 1 – Output Port Register
t
i
b
7
I6
I5
I4
I3
I2
I1
I0
I
t
l
u
a
f
e
d
1111
1
1
1
1
t
i
b
7
O6
O5
O4
O3
O2
O1
O0
O
t
l
u
a
f
e
d
1111
1
1
1
1
Table 2. Register 0 – Input Port Register
Table 4. Register 2 – Polarity Inversion Register
t
i
b
7
N6
N5
N4
N3
N2
N1
N0
N
t
l
u
a
f
e
d
0000
0
0
0
0
Table 5. Register 3 – Configuration Register
t
i
b
7
C6
C5
C4
C3
C2
C1
C0
C
t
l
u
a
f
e
d
1111
1
1
1
1


Similar Part No. - CAT9954HV4I-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46 ONSEMI-CAT93C46 Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46 ONSEMI-CAT93C46 Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results

Similar Description - CAT9954HV4I-T2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
   8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com