Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5411YI-25 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5411YI-25
Description  Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5411YI-25 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5411YI-25 Datasheet HTML 1Page - Catalyst Semiconductor CAT5411YI-25 Datasheet HTML 2Page - Catalyst Semiconductor CAT5411YI-25 Datasheet HTML 3Page - Catalyst Semiconductor CAT5411YI-25 Datasheet HTML 4Page - Catalyst Semiconductor CAT5411YI-25 Datasheet HTML 5Page - Catalyst Semiconductor CAT5411YI-25 Datasheet HTML 6Page - Catalyst Semiconductor CAT5411YI-25 Datasheet HTML 7Page - Catalyst Semiconductor CAT5411YI-25 Datasheet HTML 8Page - Catalyst Semiconductor CAT5411YI-25 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CAT5411
© 2007 Catalyst Semiconductor, Inc.
1
Doc. No. 2114 Rev. H
Characteristics subject to change without notice
Dual Digitally Programmable Potentiometers (DPP™)
with 64 Taps and SPI Interface
FEATURES
Two linear-taper digitally programmable
potentiometers
64 resistor taps per potentiometer
End to end resistance 2.5kΩ, 10kΩ, 50kΩ or
100kΩ
Potentiometer control and memory access via
SPI interface: Mode (0, 0) and (1, 1)
Low wiper resistance, typically 80
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
24-lead SOIC and 24-lead TSSOP
Industrial temperature ranges
PIN CONFIGURATION
SOIC (W)
(top view)
VCC
1
24 NC
RL0
2
23 NC
RH0
3
22 NC
RW0
4
21 NC
CS
¯¯¯
5
20 A0
WP
¯¯¯
6
19 SO
SI
7
18 HOLD
¯¯¯¯¯
A1
8
17 SCK
RL1
9
16 NC
RH1 10
15 NC
RW1 11
14 NC
GND 12
13 NC
CAT
5411
TSSOP (Y)
(top view)
SI
1
24 WP
¯¯¯
A1
2
23
CS
¯¯¯
RL1
3
22 RW0
RH1
4
21 RH0
RW1
5
20 RL0
GND
6
19 VCC
NC
7
18 NC
NC
8
17 NC
NC
9
16 NC
NC 10
15 NC
SCK 11
14 A0
HOLD
¯¯¯¯¯ 12
13 SO
CAT
5411
DESCRIPTION
The
CAT5411
is
two
Digitally
Programmable
Potentiometers (DPPs™) integrated with control logic
and 16 bytes of NVRAM memory. Each DPP consists
of a series of 63 resistive elements connected
between two externally accessible end points. The tap
points between each resistive element are connected
to the wiper outputs with CMOS switches. A separate
6-bit control register (WCR) independently controls
the wiper tap switches for each DPP. Associated with
each wiper control register are four 6-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a SPI serial
bus. On power-up, the contents of the first data
register (DR0) for each of the two potentiometers is
automatically loaded into its respective wiper control
register.
The CAT5411 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications.
FUNCTIONAL DIAGRAM
For Ordering Information details, see page 15.
RW0
RW1
RH0
SO
SI
SCK
A0
A1
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
SPI BUS
INTERFACE
WP
CS


Similar Part No. - CAT5411YI-25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5411YI-25 CATALYST-CAT5411YI-25 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5411YI-25 ONSEMI-CAT5411YI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
CAT5411YI-25-T2 ONSEMI-CAT5411YI-25-T2 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
CAT5411YI-25-T2 ONSEMI-CAT5411YI-25-T2 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
logo
Catalyst Semiconductor
CAT5411YI-25-TE13 CATALYST-CAT5411YI-25-TE13 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
More results

Similar Description - CAT5411YI-25

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com