Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3002E Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3002E
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3002E Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PCM3002E Datasheet HTML 1Page - Burr-Brown (TI) PCM3002E Datasheet HTML 2Page - Burr-Brown (TI) PCM3002E Datasheet HTML 3Page - Burr-Brown (TI) PCM3002E Datasheet HTML 4Page - Burr-Brown (TI) PCM3002E Datasheet HTML 5Page - Burr-Brown (TI) PCM3002E Datasheet HTML 6Page - Burr-Brown (TI) PCM3002E Datasheet HTML 7Page - Burr-Brown (TI) PCM3002E Datasheet HTML 8Page - Burr-Brown (TI) PCM3002E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
Lch In
Rch In
Analog Front-End
Delta-Sigma
Modulator
Digital
Decimation
Filter
Serial Interface
and
Mode Control
Digital Out
Mode Control
System Clock
B0006-01
Digital In
Digital
Interpolation
Filter
Lch Out
Rch Out
Low-Pass Filter
and
Output Buffer
Multilevel
Delta-Sigma
Modulator
*
* PCM3002 Only
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
Single 3-V Power Supply
Monolithic 20-Bit
∆Σ ADC and DAC
Small Package: SSOP-24
16/20-Bit Input/Output Data
Software Control: PCM3002
DVC Applications
Hardware Control: PCM3003
DSC Applications
Stereo ADC:
Portable/Mobile Audio Applications
– Single-Ended Voltage Input
– Antialiasing Filter
– 64
× Oversampling
The
PCM3002
and
PCM3003
are
low-cost,
– High Performance
single-chip stereo audio codecs (analog-to-digital and
digital-to-analog converters) with single-ended analog
• THD+N: –86 dB
voltage input and output.
• SNR: 90 dB
The ADCs and DACs employ delta-sigma modulation
• Dynamic Range: 90 dB
with 64-times oversampling. The ADCs include a
Stereo DAC:
digital decimation filter, and the DACs include an
– Single-Ended Voltage Output
8-times oversampling digital interpolation filter. The
DACs also include digital attenuation, de-emphasis,
– Analog Low-Pass Filter
infinite zero detection, and soft mute to form a
– 64
× Oversampling
complete subsystem. The PCM3002 and PCM3003
– High Performance
operate with left-justified (ADC) and right-justified
(DAC) formats, while the PCM3002 also supports
• THD+N: –86 dB
other formats, including the I
2S data format.
• SNR: 94 dB
The PCM3002 and PCM3003 provide a power-down
• Dynamic Range: 94 dB
mode that operates on the ADCs and DACs indepen-
Special Features (PCM3002, PCM3003)
dently.
– Digital De-Emphasis: 32 kHz, 44.1 kHz,
The PCM3002 and PCM3003 are fabricated using a
48 kHz
highly advanced CMOS process, and are available in
– Power Down: ADC/DAC Independent
a
24-pin
SSOP
package.
The
PCM3002
and
Special Features (PCM3002)
PCM3003
are
suitable
for
a
wide
variety
of
cost-sensitive consumer applications where good per-
– Digital Attenuation (256 Steps)
formance is required.
– Soft Mute
The PCM3002 programmable functions are controlled
– Digital Loopback
by software. The PCM3003 functions, which are
– Four Alternative Audio Data Formats
controlled
by
hardware,
include
de-emphasis,
Sampling Rate: 4 kHz to 48 kHz
power-down, and audio data format selections.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM3002E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3002E BURR-BROWN-PCM3002E Datasheet
206Kb / 23P
   16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
More results

Similar Description - PCM3002E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
   16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Texas Instruments
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3008 TI-PCM3008 Datasheet
424Kb / 27P
[Old version datasheet]   LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM1800 BURR-BROWN-PCM1800 Datasheet
172Kb / 15P
   Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com