Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3002 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3002
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3002 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PCM3002 Datasheet HTML 1Page - Burr-Brown (TI) PCM3002 Datasheet HTML 2Page - Burr-Brown (TI) PCM3002 Datasheet HTML 3Page - Burr-Brown (TI) PCM3002 Datasheet HTML 4Page - Burr-Brown (TI) PCM3002 Datasheet HTML 5Page - Burr-Brown (TI) PCM3002 Datasheet HTML 6Page - Burr-Brown (TI) PCM3002 Datasheet HTML 7Page - Burr-Brown (TI) PCM3002 Datasheet HTML 8Page - Burr-Brown (TI) PCM3002 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
All specifications at T
A = 25°C, VDD = VCC = 3 V, fS = 44.1 kHz, SYSCLK = 384 fS, and 16-bit data, unless otherwise noted
PCM3002E/3003E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUT/OUTPUT
Input Logic
VIH(1)(2)(3)
0.7 VDD
Input logic level
VDC
VIL(1)(2)(3)
0.3 VDD
IIN(2)
±1
Input logic current
µA
IIN(1)(3)
100
Output Logic
VOH(4)
IOUT = –1 mA
VDD – 0.3
VOL(4)
Output logic level
IOUT = 1 mA
0.3
VDC
VOL(5)
IOUT = 1 mA
0.3
CLOCK FREQUENCY
fs
Sampling frequency
4(6)
44.1
48
kHz
256 fS
1.024
11.2896
12.288
System clock frequency
384 fS
1.536
16.9344
18.432
MHz
512 fS
2.048
22.5792
24.576
ADC CHARACTERISTICS
Resolution
20
Bits
DC Accuracy
Gain mismatch, channel-
±1
±3
% of FSR
to-channel
Gain error
±2
±5
% of FSR
Gain drift
±20
ppm of FSR/
°C
Bipolar zero error
High-pass filter bypassed(7)
±1.7
% of FSR
Bipolar zero drift
High-pass filter bypassed(7)
±20
ppm of FSR/
°C
Dynamic Performance(8)
VIN = –0.5 dB
–86
–80
THD+N
dB
VIN = –60 dB
–28
Dynamic range
A-weighted
86
90
dB
Signal-to-noise ratio
A-weighted
86
90
dB
Channel separation
84
88
dB
(1)
Pins 7, 8, 17 and 18: RST, ML, MD, and MC for the PCM3002; PDAD, PDDA, DEM1, and DEM0 for PCM3003 (Schmitt-trigger input
with 100-k
Ω typical internal pulldown resistor)
(2)
Pins 9, 10, 11, 15: SYSCLK, LRCIN, BCKIN, DIN (Schmitt-trigger input)
(3)
Pin 16: 20BIT for PCM3003 (Schmitt-trigger input, 100-k
Ω typical internal pulldown resistor)
(4)
Pin 12: DOUT
(5)
Pin 16: ZFLG for PCM3002 (open-drain output)
(6)
See Application Bulletin SBAA033 for information relating to operation at lower sampling frequencies.
(7)
High-pass filter for offset cancel
(8)
fIN = 1 kHz, using the System Two™ audio measurement system by Audio Precision™ in rms mode with 20-kHz LPF, 400-Hz HPF used
for performance calculation.
2


Similar Part No. - PCM3002

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3002E BURR-BROWN-PCM3002E Datasheet
206Kb / 23P
   16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
More results

Similar Description - PCM3002

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
   16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Texas Instruments
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3008 TI-PCM3008 Datasheet
424Kb / 27P
[Old version datasheet]   LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM1800 BURR-BROWN-PCM1800 Datasheet
172Kb / 15P
   Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com