Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC02GLETE13F Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT24WC02GLETE13F
Description  1K/2K/4K/8K/16K-Bit Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC02GLETE13F Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT24WC02GLETE13F Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC02GLETE13F Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC02GLETE13F Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC02GLETE13F Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC02GLETE13F Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC02GLETE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC02GLETE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC02GLETE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC02GLETE13F Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT24WC01/02/04/08/16
5
Doc. No. 1022, Rev. N
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
using either CAT24WC01 or CAT24WC02 device. All
three address pins are used for these densities. If only
one CAT24WC01 or CAT24WC02 is addressed on the
bus, all three address pins (A0, A1and A2) can be left
floating or connected to VSS.
A total of four devices can be addressed on a single bus
when using CAT24WC04 device.
Only A1 and A2
address pins are used with this device. The A0 address
pin is a no connect pin and can be tied to VSS or left
floating. If only one CAT24WC04 is being addressed on
the bus, the address pins (A1 and A2) can be left floating
or connected to VSS.
Only two devices can be cascaded when using
CAT24WC08.
The only address pin used with this
device is A2.
The A0 and A1 address pins are no
connect pins and can be tied to VSS or left floating. If only
one CAT24WC08 is being addressed on the bus, the
address pin (A2) can be left floating or connected to VSS.
The CAT24WC16 is a stand alone device. In this case,
all address pins (A0, A1and A2) are no connect pins and
can be tied to VSS or left floating.
WP: Write Protect
If the WP pin is tied to VCC the entire memory array
becomes Write Protected (READ only). When the WP
pin is tied to VSS or left floating normal read/write
operations are allowed to the device.
I2C Bus Protocol
The following defines the features of the I2C bus protocol:
(1) Data transfer may be initiated only when the bus is
not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any changes
in the data line while the clock line is high will be
interpreted as a START or STOP condition.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT24WC01/02/04/08/16
monitor the SDA and SCL lines and will not respond until
this condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
DEVICE ADDRESSING
The bus Master begins a transmission by sending a
START condition. The Master then sends the address
of the particular slave device it is requesting. The four
most significant bits of the 8-bit slave address are fixed
as 1010 for the CAT24WC01/02/04/08/16 (see Fig. 5).
The next three significant bits (A2, A1, A0) are the device
address bits and define which device or which part of the
device the Master is accessing. Up to eight CAT24WC01/
02, four CAT24WC04, two CAT24WC08, and one
CAT24WC16 may be individually addressed by the
system.
The last bit of the slave address specifies
whether a Read or Write operation is to be performed.
When this bit is set to 1, a Read operation is selected,
and when set to 0, a Write operation is selected.
After the Master sends a START condition and the slave
address byte, the CAT24WC01/02/04/08/16 monitors
the bus and responds with an acknowledge (on the SDA
line) when its address matches the transmitted slave
Figure 4. Acknowledge Timing
5020 FHD F06
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER


Similar Part No. - CAT24WC02GLETE13F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC02 CATALYST-CAT24WC02 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC02 CATALYST-CAT24WC02 Datasheet
2Mb / 14P
   Serial EEPROM
CAT24WC02J-1.8TE13C CATALYST-CAT24WC02J-1.8TE13C Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC02J-1.8TE13F CATALYST-CAT24WC02J-1.8TE13F Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC02J-TE13C CATALYST-CAT24WC02J-TE13C Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results

Similar Description - CAT24WC02GLETE13F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Samsung semiconductor
S524A40X11 SAMSUNG-S524A40X11 Datasheet
124Kb / 16P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com