Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C128Y14AT3 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT25C128Y14AT3
Description  128K/256K-Bit SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C128Y14AT3 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT25C128Y14AT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C128Y14AT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C128Y14AT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C128Y14AT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C128Y14AT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C128Y14AT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C128Y14AT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C128Y14AT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C128Y14AT3 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT25C128/256
8
Document No. 1018, Rev. I
properly set. Also, for a successful write operation the
address of the memory location(s) to be programmed
must be outside the protected address field location
selected by the block protection level.
Byte Write
Once the device is in a Write Enable state, the user may
proceed with a write sequence by setting the
CS low,
issuing a write instruction via the SI line, followed by the
16-bit address (the three Most Significant Bits are don’t
care for 25C256 and four most significant bits are don't
care for 25C128), and then the data to be written.
Programming will start after the
CS is brought high. Figure
6 illustrates byte write sequence.
During an internal write cycle, all commands will be
ignored except the RDSR (Read Status Register)
instruction.
To read the status register, RDSR instruction should be
sent. The contents of the status register are shifted out
on the SO line. The status register may be read at any
time even during a write cycle. Read sequece is illus-
trated in Figure 4. Reading status register is illustrated in
Figure 5.
WRITE Sequence
The CAT25C128/256 powers up in a Write Disable
state. Prior to any write instructions, the WREN instruc-
tion must be sent to CAT25C128/256. The device goes
into Write enable state by pulling the
CS low and then
clocking the WREN instruction into CAT25C128/256.
The
CS must be brought high after the WREN instruction
to enable writes to the device. If the write operation is
initiated immediately after the WREN instruction without
CS being brought high, the data will not be written to the
array because the write enable latch will not have been
SK
SI
SO
0000001
1
BYTE ADDRESS*
0123456789
10
20
21
22
23
24
25
26
27
28
29
30
7
6
5
4
3
2
1
0
*Please check the instruction set table for address
CS
OPCODE
DATA OUT
MSB
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) — ———
Figure 4. Read Instruction Timing
Figure 5. RDSR Timing
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
CS
00
0
00
1
0
1
Note: Dashed Line= mode (1, 1) — ———


Similar Part No. - CAT25C128Y14AT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C128K-1.8TE13 CATALYST-CAT25C128K-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C128K-TE13 CATALYST-CAT25C128K-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C128KA-1.8TE13 CATALYST-CAT25C128KA-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
More results

Similar Description - CAT25C128Y14AT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524AD0XD1 SAMSUNG-S524AD0XD1 Datasheet
123Kb / 16P
   128K/256K-bit Serial EEPROM for Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com