Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC6633XA-1.8T2C Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT24WC6633XA-1.8T2C
Description  64K-bit I2C Serial EEPROM with Partial Array Write Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC6633XA-1.8T2C Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT24WC6633XA-1.8T2C Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC6633XA-1.8T2C Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC6633XA-1.8T2C Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC6633XA-1.8T2C Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC6633XA-1.8T2C Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC6633XA-1.8T2C Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC6633XA-1.8T2C Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC6633XA-1.8T2C Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC6633XA-1.8T2C Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT24WC66
Doc. No. 1037 Rev. J
4
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
The CAT24WC66 supports the I
2C Bus data transmission
protocol. This Inter-Integrated Circuit Bus protocol defines
any device that sends data to the bus to be a transmitter
and any device receiving data to be a receiver. The
transfer is controlled by the Master device which
generates the serial clock and all START and STOP
conditions for bus access. The CAT24WC66 operates as
a Slave device. Both the Master device and Slave device
can operate as either transmitter or receiver, but the
Master device controls which mode is activated.
PIN DESCRIPTION
SCL:
Serial Clock
The serial clock input clocks all data transferred into
or out of the device.
SDA:
Serial Data/Address
The bidirectional serial data/address pin is used to
transfer all data into and out of the device. The SDA
pin is an open drain output and can be wire-ORed
with other open drain or open collector outputs.
A0, A1, A2:
Device Address Inputs
These pins are hardwired or left unconnected (for
hardware compatibility with CAT24WC16).
When
hardwired, up to eight CAT24WC66 devices may be
addressed on a single bus system (refer to Device
Addressing). When the pins are left unconnected, the
default values are zeros.
WP:
Write Protect
This input, when tied to GND, allows write operations
to the entire memory. When this pin is tied to VCC, the
top 1/4 array of memory is write protected. When left
floating, memory is unprotected.
Figure 1. Bus Timming
Figure 2. Write Cycle Timing
Figure 3. Start/Stop Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START BIT
SDA
STOP BIT
SCL


Similar Part No. - CAT24WC6633XA-1.8T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC66JA-1.8TE13 CATALYST-CAT24WC66JA-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66JA-TE13 CATALYST-CAT24WC66JA-TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66JE-1.8TE13 CATALYST-CAT24WC66JE-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC6633XA-1.8T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA64F MICROCHIP-24AA64F_13 Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com