Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1232LPL-GT3 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT1232LPL-GT3
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LPL-GT3 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT1232LPL-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1232LPL-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1232LPL-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1232LPL-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LPL-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LPL-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LPL-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LPL-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LPL-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
CAT1232LP/CAT1832
Doc. No. 25089, Rev. 0C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
APPLICATION INFORMATION
SUPPLY VOLTAGE MONITOR
Reset Signal Polarity and Output Stage Structure
RESET is an active LOW signal. It is developed with an
open drain driver in the CAT1232LP. A pull-up resistor
is required, typical values are 10k
Ω to 50kΩ. The
CAT1832 uses a CMOS push-pull output stage for the
RESET.
RESET is an active High signal developed by a CMOS
push-pull output stage and is the logical opposite to
RESET.
Trip Point Tolerance Selection
The TOL input is used to select the VCC trip point
threshold. This selection is made connecting the TOL
input to ground or VCC. Connecting TOL to Ground
makes the VCC trip threshold 4.62V for the CAT1232LP
and 2.88V for the CAT1832.
Connecting TOL to VCC makes the VCC trip threshold
4.37V for the CAT1232LP and 2.55V for the CAT1832.
After VCC has risen above the trip point set by TOL,
RESET and
RESET remain active for a minimum time
period of 250ms.
On power-down, once VCC falls below the reset threshold
the RESET outputs will remain active and are guaranteed
valid down to a VCC level of 1.0V.
e
c
n
a
r
e
l
o
T
t
c
e
l
e
S
e
g
a
t
l
o
V
t
n
i
o
P
p
i
r
T
e
c
n
a
r
e
l
o
T
)
V
(
e
g
a
t
l
o
V
t
n
i
o
P
p
i
r
T
N
I
ML
A
N
I
M
O
NX
A
M
P
L
2
3
2
1
T
A
C
V
=
L
O
T
C
C
%
0
15
2
.
47
3
.
49
4
.
4
P
L
2
3
2
1
T
A
C
D
N
G
=
L
O
T
%
50
5
.
42
6
.
44
7
.
4
2
3
8
1
T
A
C
V
=
L
O
T
C
C
%
0
27
4
.
25
5
.
24
6
.
2
2
3
8
1
T
A
C
=
L
O
TD
N
G
%
0
10
8
.
28
8
.
27
9
.
2
Figure 1. Timing Diagram: Power Up
Figure 2. Timing Diagram: Power Down
VCCTP(MAX)
VCCTP
VCCTP(MIN)
VCC
RESET
RESET
tR
tRPU
VOH
VOL
VCCTP(MAX)
VCCTP
VCCTP(MIN)
VCC
RESET
RESET
tF
VOH
VOL
tRPD
Manual Reset Operation
Push-button input,
PBRST, allows the user to issue
reset signals. The pushbutton input is debounced and is
pulled high through an internal 40k
Ω resistor.
When
PBRST is held low for the minimum time of 20 ms,
both resets become active and remain active for a
minimum time period of 250ms after
PBRST returns
high.
No external pull-up resistor is required, since
PBRST is
pulled high by an internal 40k
Ω resistor.
PBRST can be driven from a TTL or CMOS logic line or
short-ed to ground with a mechanical switch.


Similar Part No. - CAT1232LPL-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1232LPL-G CATALYST-CAT1232LPL-G Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LPL-G ONSEMI-CAT1232LPL-G Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
More results

Similar Description - CAT1232LPL-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1232 CATALYST-CAT1232 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LP ONSEMI-CAT1232LP Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com