Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55291IUZ-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL55291IUZ-T13
Description  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55291IUZ-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL55291IUZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL55291IUZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL55291IUZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL55291IUZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL55291IUZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL55291IUZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL55291IUZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL55291IUZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL55291IUZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN6263.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL55191, ISL55291
Single and Dual Ultra-Low Noise, Ultra-Low
Distortion, Rail-to-Rail, Low Power Op Amp
The ISL55191 and ISL55291 are single and dual high speed
operational amplifiers featuring low noise, low distortion, and
rail-to-rail output drive capability. They are designed to
operate with single and dual supplies from +5VDC
(±2.5VDC) down to +3VDC (±1.5VDC). These amplifiers
draw 6.1mA of quiescent supply current per amplifier. For
power conservation, this family offers a low-power shutdown
mode that reduces supply current to 21µA and places the
amplifiers' output into a high impedance state. The ISL55191
ENABLE logic places the device in the shutdown mode with
EN = 0 and the ISL55291 is placed in the shutdown mode
with EN = 1.
These amplifiers have excellent input and output overload
recovery times and outputs that swing rail-to-rail. Their input
common mode voltage range includes ground. The
ISL55191 and ISL55291 are stable at gains as low as 10
with an input referred noise voltage of 1.3nV/Hz and
harmonic distortion products -94dBc (2nd) and -104dBc
(3rd) below a 1MHz 2VP-P signal.
The ISL55191 is available in space-saving 8 Ld DFN and 8 Ld
SOIC packages. The ISL55291 is available in a 10 Ld MSOP
package.
Features
• 1.3nV/
√Hz input voltage noise, fO = 1kHz
• Harmonic Distortion -94dBc, -104dBc, fO = 1MHz
• Stable at gains as low as 10
• 800MHz gain bandwidth product (AV = 10)
• 260V/µs slew rate
• 6.1mA supply current (21µA in disable mode)
• 800µV maximum offset voltage
• 12µA input bias current
• 3V to 5.5V single supply voltage range
• Rail-to-rail output
• Pb-free plus anneal available (RoHS compliant)
Applications
• High speed pulse applications
• Low noise signal processing
• ADC buffers
• DAC output amplifiers
• Radio systems
• Portable equipment
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TAPE
AND
REEL
PACKAGE
(Pb-Free)
PKG.
DWG.
#
ISL55191IBZ
55191 IBZ
-
8 Ld SOIC
MDP0027
ISL55191IBZ-T13 55191 IBZ
13”
(2,500 pcs)
8 Ld SOIC
Tape and Reel
MDP0027
ISL55191IRZ
191Z
-
8 Ld DFN
L8.3x3D
ISL55191IRZ-T13 191Z
13”
(2,500 pcs)
8 Ld DFN
Tape and Reel
L8.3x3D
ISL55291IUZ
5291Z
-
10 Ld MSOP
MDP0043
ISL55291IUZ-T13 5291Z
13”
(2,500 pcs)
10 Ld MSOP
Tape and Reel
MDP0043
Coming Soon
ISL55191EVAL1Z
Evaluation Board
Coming Soon
ISL55291EVAL1Z
Evaluation Board
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
TABLE 1. ENABLE LOGIC
ENABLE
DISABLE
ISL55191
EN = 1
EN = 0
ISL55291
EN = 0
EN = 1
Data Sheet
March 30, 2007


Similar Part No. - ISL55291IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55291IUZ-T13 RENESAS-ISL55291IUZ-T13 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
More results

Similar Description - ISL55291IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com