Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1832YT2 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT1832YT2
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1832YT2 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT1832YT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1832YT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1832YT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1832YT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1832YT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1832YT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1832YT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1832YT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1832YT2 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
CAT1232LP/CAT1832
Doc. No. 25089, Rev. 0C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WATCHDOG TIMER AND
ST
ST
ST
ST
ST INPUT
A watchdog timer stops and restarts a microprocessor
that has stopped proper operation or become “hung”.
The watchdog performs this function by monitoring the
ST input. After the reset outputs go inactive the ST input
must be strobed with a high-to-low signal transition prior
to the minimum watchdog timeout period. However if the
ST input is not strobed with a high-to-low signal transi-
tion prior to a watchdog timeout the reset outputs will
become active for TRST reseting and restarting the
microprocessor. Once the resets return to the inactive
state the watchdog timer restarts the process.
The TD input allows the user to select from three
predetermined watchdog timeout periods. Always use
the minimum timeout period to determine the required
frequency of
ST high-to-low transitions and the maxi-
mum to determine the time prior to the reset outputs
becoming active.
ST pulse widths must be 20ns or
greater.
The watchdog timer cannot be disabled. It must be
strobed with a high-to-low signal transition to avoid a
watchdog timeout and subsequent reset.
Figure 6. Timing Diagram: Pushbutton Reset
VIH
VIL
VOH
VOL
RESET
RESET
PBRST
tPDLY
tPB
tRST
RESET
RESET
ST
Valid
Strobe
Valid
Strobe
Invalid
Strobe
tRST
tST
Note:ST is ignored whenever a reset is active.
tTD
(Min)
tTD
(Min)
Figure 4. CAT1832 Application Circuit:
Pushbutton Reset
Figure 7. Timing Diagram: Strobe Input
Figure 5. CAT1232LP Application Circuit: Watchdog Timer
PBRST
3.3V
1
VCC
TD
2
ST
TOL
CAT1832
µP
3
4
RESET
GND
8
7
6
5
RESET
RESET
I/O
PBRST
5V
1
10k
VCC
TD
2
ST
TOL
CAT1232LP
µP
Decoder
3
4
RESET
GND
8
7
6
5
RESET
MREQ
Address
Bus
RESET
e
g
a
t
l
o
V
D
T
l
e
v
e
L
)
s
m
(
d
o
i
r
e
P
t
u
o
-
e
m
i
T
g
o
d
h
c
t
a
W
N
I
ML
A
N
I
M
O
NX
A
M
D
N
G5
.
2
60
5
10
5
2
g
n
i
t
a
o
l
F0
5
20
0
60
0
0
1
V C
C
0
0
50
0
2
10
0
0
2


Similar Part No. - CAT1832YT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1832 CATALYST-CAT1832 Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
CAT1832 CATALYST-CAT1832 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT1832 CATALYST-CAT1832 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1832 ONSEMI-CAT1832 Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Catalyst Semiconductor
CAT1832GL CATALYST-CAT1832GL Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
More results

Similar Description - CAT1832YT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1232 CATALYST-CAT1232 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LP ONSEMI-CAT1232LP Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com