Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4015MA-85 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ4015MA-85
Description  512Kx8 Nonvolatile SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4015MA-85 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ4015MA-85 Datasheet HTML 7Page - Texas Instruments BQ4015MA-85 Datasheet HTML 8Page - Texas Instruments BQ4015MA-85 Datasheet HTML 9Page - Texas Instruments BQ4015MA-85 Datasheet HTML 10Page - Texas Instruments BQ4015MA-85 Datasheet HTML 11Page - Texas Instruments BQ4015MA-85 Datasheet HTML 12Page - Texas Instruments BQ4015MA-85 Datasheet HTML 13Page - Texas Instruments BQ4015MA-85 Datasheet HTML 14Page - Texas Instruments BQ4015MA-85 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
bq4015/Y
MS: LIFETIME LITHIUM Module with LCR attached
LIFETIME LITHIUM Module
Dimension
Minimum
Maximum
A
0.955
0.965
B
0.980
0.995
C
0.240
0.250
D
0.052
0.060
E
0.045
0.055
F
0.015
0.025
All dimensions are in inches.
1
Leads coplanar within ±0.004 at seating plane.
2
Components and location may vary.
MS: LIFETIME LITHIUM Module Housing
LIFETIME LITHIUM Module Housing
Dimension
Minimum
Maximum
A
0.845
0.855
B
0.955
0.965
C
0.210
0.220
D
0.065
0.075
E
0.065
0.075
All dimensions are in inches.
1
Edges coplanar within ±0.025.


Similar Part No. - BQ4015MA-85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015MA-85 TI-BQ4015MA-85 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015MA-85 TI1-BQ4015MA-85 Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015MA-85N TI-BQ4015MA-85N Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4015MA-85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015 TI-BQ4015 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com