Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT525W-TE10 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT525W-TE10
Description  Configured Digitally Programmable Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT525W-TE10 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT525W-TE10 Datasheet HTML 4Page - Catalyst Semiconductor CAT525W-TE10 Datasheet HTML 5Page - Catalyst Semiconductor CAT525W-TE10 Datasheet HTML 6Page - Catalyst Semiconductor CAT525W-TE10 Datasheet HTML 7Page - Catalyst Semiconductor CAT525W-TE10 Datasheet HTML 8Page - Catalyst Semiconductor CAT525W-TE10 Datasheet HTML 9Page - Catalyst Semiconductor CAT525W-TE10 Datasheet HTML 10Page - Catalyst Semiconductor CAT525W-TE10 Datasheet HTML 11Page - Catalyst Semiconductor CAT525W-TE10 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT525
9
Doc. No. 2001, Rev. E
APPLICATION CIRCUITS (Cont.)
Staircase Window Comparator
Overlapping Window Comparator
CAT525
+
+
+
+
+
+
+
+
10K
+5V
WINDOW 2
10K
+5V
WINDOW 3
10K
+5V
WINDOW 4
10K
+5V
WINDOW 5
+
+
10K
+5V
WINDOW 1
GND
VREFL
CS
DI
DO
PROG
CLK
VPP
VDD
VREFH
VREF
+5V
1.0
µF
LM 339
DPP 1
DPP 2
DPP 3
DPP 4
WINDOW 1
WINDOW 2
WINDOW 3
WINDOW 4
WINDOW 5
V
REF
V
1
OUT
V
2
OUT
V
3
OUT
V
4
OUT
GND
WINDOW STRUCTURE
CAT525
VIN
+
+
+
10K
+5V
WINDOW 2
10K
+5V
WINDOW 3
+
+
10K
+5V
WINDOW 1
GND
VREFL
CS
DI
DO
PROG
CLK
VPP
VDD
VREFH
VREF
+5V
1.0
µF
LM 339
DPP 1
DPP 2
DPP 3
DPP 4
WINDOW 1
WINDOW 2
V
1
OUT
V
2
OUT
V
3
OUT
V
4
OUT
GND
WINDOW STRUCTURE
VIN
+
WINDOW 3
V
H
REF


Similar Part No. - CAT525W-TE10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT525WI CATALYST-CAT525WI Datasheet
254Kb / 16P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525WI CATALYST-CAT525WI Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT525WI ONSEMI-CAT525WI Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
CAT525WI-T1 ONSEMI-CAT525WI-T1 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
More results

Similar Description - CAT525W-TE10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
   Configured Digitally Programmable Potentiometer
CAT524 CATALYST-CAT524_04 Datasheet
105Kb / 13P
   Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522_04 Datasheet
85Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
   Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com