Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC7924CD2T Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC7924CD2T
Description  1.0 A Negative Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7924CD2T Datasheet(HTML) 1 Page - ON Semiconductor

  MC7924CD2T Datasheet HTML 1Page - ON Semiconductor MC7924CD2T Datasheet HTML 2Page - ON Semiconductor MC7924CD2T Datasheet HTML 3Page - ON Semiconductor MC7924CD2T Datasheet HTML 4Page - ON Semiconductor MC7924CD2T Datasheet HTML 5Page - ON Semiconductor MC7924CD2T Datasheet HTML 6Page - ON Semiconductor MC7924CD2T Datasheet HTML 7Page - ON Semiconductor MC7924CD2T Datasheet HTML 8Page - ON Semiconductor MC7924CD2T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 14
1
Publication Order Number:
MC7900/D
MC7900 Series
1.0 A Negative Voltage
Regulators
The MC7900 series of fixed output negative voltage regulators are
intended as complements to the popular MC7800 series devices.
These negative regulators are available in the same seven−voltage
options as the MC7800 devices. In addition, one extra voltage option
commonly employed in MECL systems is also available in the
negative MC7900 series.
Available in fixed output voltage options from − 5.0 V to − 24 V,
these regulators employ current limiting, thermal shutdown, and
safe−area compensation − making them remarkably rugged under
most operating conditions. With adequate heatsinking they can deliver
output currents in excess of 1.0 A.
No External Components Required
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe−Area Compensation
Available in 2% Voltage Tolerance (See Ordering Information)
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
Figure 1. Representative Schematic Diagram
Gnd
VO
VI
3.6 k
1.2 k
1.1 k
2.0 k
2.0 k
8.0 k
1.0 k
1.6 k
4.0 k
0.3
10 k
10 k
20 k
20 k
20 pF
10 pF
240
750
R1
R2
This device contains 26 active transistors.
http://onsemi.com
TO−220
T SUFFIX
CASE 221AB
Heatsink surface
connected to Pin 2.
Pin 1. Ground
2. Input
3. Output
D2PAK
D2T SUFFIX
CASE 936
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
1
2
3
1
2
3
STANDARD APPLICATION
A common ground is required between the input
and the output voltages. The input voltage must
remain typically 2.0 V above more negative even
during the high point of the input ripple voltage.
These two digits of the type number
indicate nominal voltage.
Cin is required if regulator is located an
appreciable distance from power supply filter.
CO improve stability and transient response.
MC79XX
Input
Cin*
0.33
mF
CO**
1.0
mF
Output
XX,
**
**
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 14 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - MC7924CD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7924CD2T ONSEMI-MC7924CD2T Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
logo
Motorola, Inc
MC7924CD2T MOTOROLA-MC7924CD2T Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7924CD2T ONSEMI-MC7924CD2T Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7924CD2T ONSEMI-MC7924CD2T Datasheet
194Kb / 16P
   1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
MC7924CD2TG ONSEMI-MC7924CD2TG Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
More results

Similar Description - MC7924CD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7900 ONSEMI-MC7900_05 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7900 ONSEMI-MC7900_13 Datasheet
194Kb / 16P
   1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
MC7900 ONSEMI-MC7900 Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7900 ONSEMI-MC7900_V01 Datasheet
300Kb / 15P
   Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com