Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT524WI-TE10 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT524WI-TE10
Description  Configured Digitally Programmable Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT524WI-TE10 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT524WI-TE10 Datasheet HTML 3Page - Catalyst Semiconductor CAT524WI-TE10 Datasheet HTML 4Page - Catalyst Semiconductor CAT524WI-TE10 Datasheet HTML 5Page - Catalyst Semiconductor CAT524WI-TE10 Datasheet HTML 6Page - Catalyst Semiconductor CAT524WI-TE10 Datasheet HTML 7Page - Catalyst Semiconductor CAT524WI-TE10 Datasheet HTML 8Page - Catalyst Semiconductor CAT524WI-TE10 Datasheet HTML 9Page - Catalyst Semiconductor CAT524WI-TE10 Datasheet HTML 10Page - Catalyst Semiconductor CAT524WI-TE10 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CAT524
7
Doc. No. 2006, Rev. E
OPT 504
GND
VDD
VREFH
VREFL
CONTROL
& DATA
+
OP 07
VOUT
-15V
+15V
+5V
RR
i
F
V
= (1 + –––) V
OUT
DPP
RF
R I
APPLICATION CIRCUITS
Since this value is the same as that which had been there
previously no change in the DPP’s output is noticed.
Had the value held in the control register been different
from that stored in non-volatile memory then a change
would occur at the read cycle’s conclusion.
TEMPORARILY CHANGE OUTPUT
The CAT524 allows temporary changes in DPP’s output
to be made without disturbing the settings retained in
non-volatile memory. This feature is particularly useful
when testing for a new output setting and allows for user
adjustment of preset or default values without losing the
original factory settings.
Figure 3 shows the control and data signals needed to
effect a temporary output change. DPP wiper settings
may be changed as many times as required and can be
made to any of the four DPPs in any order or sequence.
The temporary setting(s) remain in effect long as CS
remains high. When CS returns low all four DPPs will
return to the output values stored in non-volatile memory.
When it is desired to save a new setting acquired using
Figure 3. Temporary Change in Output
this feature, the new value must be reloaded into the
DPP control register prior to programming. This is
because the CAT524’s internal control circuitry discards
the new data from the programming register two clock
cycles after receiving it (after reception is complete) if no
PROG signal is received.
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
1
NEW DPP DATA
CURRENT DPP DATA
DO
DI
CS
PROG
DPP
OUTPUT
t
1
2
3
4
5
6
7
8
9
10
11
12
N
N+1 N+2
o
CURRENT
DPP VALUE
NON-VOLATILE
NEW
DPP VALUE
VOLATILE
CURRENT
DPP VALUE
NON-VOLATILE
Bipolar DPP Output
Amplified DPP Output
CAT524
CAT524
MSB
LSB
1111
1111
—— (.98 V
) + .01 V
= .990 V
V
= +4.90V
1000
0000
—— (.98 V
) + .01 V
= .502 V
V
= +0.02V
0111
1111
—— (.98 V
) + .01 V
= .498 V
V
= -0.02V
0000
0001
—— (.98 V
) + .01 V
= .014 V
V
= -4.86V
0000
0000
—— (.98 V
) + .01 V
= .010 V
V
= -4.90V
REF
REF
REF
IF
V
= 5V
REF
255
255
OUT
DPP INPUT
DPP OUTPUT
ANALOG
R = R
OUTPUT
REF
REF
REF
OUT
128
255
127
255
REF
REF
REF
OUT
1
255
REF
REF
REF
OUT
REF
REF
REF
OUT
0
255
V
= 0.99 V
FS
REF
V
= 0.01 V
ZERO
REF
V
= ——— (V
- V
) + V
DPP
CODE
255
FS
ZERO
ZERO
GND
VDD
VREFH
VREFL
CONTROL
& DATA
+
OP 07
(
) -V RF
R +
i
-15V
+15V
+5V
RR
i
F
Ri
i
RF
VDPP
For R =
i
RF
V
= 2V
-V
OUT
i
DPP
Vi
VOUT
OUT
V
=


Similar Part No. - CAT524WI-TE10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT524WI-T2 ONSEMI-CAT524WI-T2 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
More results

Similar Description - CAT524WI-TE10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
   Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522_04 Datasheet
85Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT525 CATALYST-CAT525_04 Datasheet
99Kb / 12P
   Configured Digitally Programmable Potentiometer
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
   Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com