Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT524LI-TE10 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT524LI-TE10
Description  Configured Digitally Programmable Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT524LI-TE10 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT524LI-TE10 Datasheet HTML 1Page - Catalyst Semiconductor CAT524LI-TE10 Datasheet HTML 2Page - Catalyst Semiconductor CAT524LI-TE10 Datasheet HTML 3Page - Catalyst Semiconductor CAT524LI-TE10 Datasheet HTML 4Page - Catalyst Semiconductor CAT524LI-TE10 Datasheet HTML 5Page - Catalyst Semiconductor CAT524LI-TE10 Datasheet HTML 6Page - Catalyst Semiconductor CAT524LI-TE10 Datasheet HTML 7Page - Catalyst Semiconductor CAT524LI-TE10 Datasheet HTML 8Page - Catalyst Semiconductor CAT524LI-TE10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
FEATURES
s Four 8-bit DPPs configured as programmable
voltage sources in DAC-like applications
s Common reference inputs
s Buffered wiper outputs
s Non-volatile NVRAM memory wiper storage
s Output voltage range includes both supply rails
s 4 independently addressable buffered
output wipers
s 1 LSB accuracy, high resolution
s Serial Microwire-like interface
s Single supply operation: 2.7V - 5.5V
s Setting read-back without effecting outputs
APPLICATIONS
s Automated product calibration
s Remote control adjustment of equipment
s Offset, gain and zero adjustments in
self-calibrating and adaptive control systems
s Tamper-proof calibrations
s DAC (with memory) substitute
DESCRIPTION
The CAT524 is a quad, 8-bit digitally-programmable
potentiometer (DPP™) configured for programmable
voltage and DAC-like applications. Intended for final
calibration of products such as camcorders, fax
machines and cellular telephones on automated high
volume production lines, it is also well suited for
self-calibrating systems and for applications where
equipment which requires periodic adjustment is either
difficult to access or in a hazardous environment.
The four independently programmable DPPs have an
output range which
includes both supply rails. The
wipers are buffered by rail to rail op amps.
Wiper
settings, stored in non-volatile NVRAM memory, are not
lost when the device is powered down and are
automatically reinstated when power is returned. Each
wiper can be dithered to test new output values without
effecting the stored settings, and stored settings can be
read back without disturbing the DPP’s output.
The CAT524 is controlled with a simple 3-wire serial,
Microwire-like interface. A Chip Select pin allows several
devices to share a common serial interface.
Communication back to the host controller is via a single
serial data line thanks to the Tri-Stated CAT524 Data
Output pin. A RDY/
BSY output working in concert with
an internal low voltage detector signals proper operation
of the non-volatile NVRAM memory Erase/Write cycle.
The CAT524 is available in the 0˚C to 70˚C commercial
and -40˚C to 85˚C industrial operating temperature
ranges. Both 14-pin plastic DIP and SOIC packages are
offered.
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
CAT524
Configured Digitally Programmable Potentiometer (DPP™):
Programmable Voltage Applications
DIP Package (P, L)
SOIC Package (J, W)
CAT524
Doc. No. 2006, Rev. E
RDY/
BSY
CLK
CS
PROG
DI
DO
VDD
2
3
4
13
12
11
5
6
7
10
9
8
114
GND
VREFH
VOUT1
VOUT2
VOUT3
VOUT4
VREFL
CLK
CS
PROG
DI
DO
VDD
2
3
4
13
12
11
5
6
7
10
9
8
114
GND
VREFH
VOUT1
VOUT2
VOUT3
VOUT4
VREFL
CAT
524
CAT
524
RDY/
BSY
ALO
GEN FR
TM
LEAD FREE
RDY/BSY
PROG
PROGRAM
CONTROL
DI
CS
CLK
SERIAL
CONTROL
SERIAL
DATA
OUTPUT
REGISTER
GND
V
REFL
V
REFH
V
DD
31
14
7
5
2
4
V
13
11
10
6
12
OUT2
V
V
OUT1
V
OUT3
OUT4
DO
+
+
+
+
9
8
WIPER
CONTROL
REGISTERS
AND
NVRAM
24k
Ω(4)


Similar Part No. - CAT524LI-TE10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT524LI-T2 ONSEMI-CAT524LI-T2 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
More results

Similar Description - CAT524LI-TE10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
   Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522_04 Datasheet
85Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT525 CATALYST-CAT525_04 Datasheet
99Kb / 12P
   Configured Digitally Programmable Potentiometer
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
   Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com