Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN11220CCFG Datasheet(PDF) 11 Page - SONiX Technology Company

Part # SN11220CCFG
Description  USB Audio Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11220CCFG Datasheet(HTML) 11 Page - SONiX Technology Company

Back Button SN11220CCFG Datasheet HTML 7Page - SONiX Technology Company SN11220CCFG Datasheet HTML 8Page - SONiX Technology Company SN11220CCFG Datasheet HTML 9Page - SONiX Technology Company SN11220CCFG Datasheet HTML 10Page - SONiX Technology Company SN11220CCFG Datasheet HTML 11Page - SONiX Technology Company SN11220CCFG Datasheet HTML 12Page - SONiX Technology Company SN11220CCFG Datasheet HTML 13Page - SONiX Technology Company SN11220CCFG Datasheet HTML 14Page - SONiX Technology Company SN11220CCFG Datasheet HTML 15Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Data Sheet
USB Audio Controller
SN11220ACF
Sonix Confidential
Do not copy, reproduce, or distribute without permission
2006 Aug 10, V1.01
- 10 -
used to indicate that the MaxPower in USB descriptor(“1” is 100mA, “0” is 500mA).
The VID and PID can be changed by using EEPROM. Word address 0x00 is the VID
value. Word address 0x01 is the PID value. The bit1 (POWER_BIT) of the PID value
will affect the MaxPower in USB descriptor. It should be noted that forbids the VID
and PID values cannot be set to 0x0000 or 0xFFFF.
Manufacturer and Product String:
The default manufacturer string is “GENERIC”. It can be changed by programming
word 0x02 to 0x09 in EEPROM and set the length of it in word 0x12, bit 4 to 7.
Manufacturer string length = manufacturer string # + 1(manufacturer string # = 0x0F
means manufacturer string length = 16 bytes).
There are total of two default product strings in SN11220ACF, depending on the
features selected. They are listed in the table below.
RECORD
Product String
0
USB Speaker
1
USB Headset
The product string can be changed by programming words 0x0A to 0x11 in EEPROM
and set the length of it in word 0x12, bit 0 to 3. Product string length = product string
# + 1(product string # = 0x0F means product string length = 16 bytes).
Control word 1:
The control word 1 is located in word 0x12 of EEPROM.
Bit 0 to 7 is the length of USB strings and has been explained in previous paragraphs.
Bit 8 is used to set the self-power bit in the USB descriptor.
Bit 9 is used to enable remote wake feature in USB. The remote wakeup keys are
VOLP/VOLD/MUTEP/MUTER.
Bit 10 to 14 is reserved in SN11220ACF.
Bit 15 is to enable the left-justify format in I
2S mode.
Control word 2:
The control word 2 is located in word 0x13 of EEPROM.
Bit 0 to 7 is the interval of USB HID Report IN. For example, bit 0 to 7 = 0x0A


Similar Part No. - SN11220CCFG

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SN11+10210FA JDSU-SN11+10210FA Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210FP JDSU-SN11+10210FP Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210LC JDSU-SN11+10210LC Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210MU JDSU-SN11+10210MU Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210NC JDSU-SN11+10210NC Datasheet
177Kb / 3P
   Fiberoptic Switch
More results

Similar Description - SN11220CCFG

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
   USB AUDIO Controller
logo
ELAN Microelectronics C...
EKA8564A EMC-EKA8564A Datasheet
255Kb / 16P
   USB Audio Controller
EKA8566A EMC-EKA8566A Datasheet
657Kb / 37P
   USB Audio Controller
logo
Nuvoton Technology Corp...
W681308 NUVOTON-W681308 Datasheet
981Kb / 64P
   USB AUDIO CONTROLLER
logo
SONiX Technology Compan...
SN11112 SONIX-SN11112 Datasheet
328Kb / 24P
   USB AUDIO CONTROLLER
SN11113 SONIX-SN11113 Datasheet
266Kb / 22P
   USB AUDIO CONTROLLER
logo
C-Media Electronics
CM101S++ CMEDIA-CM101S+ Datasheet
682Kb / 22P
   USB 2CH Audio Controller
logo
List of Unclassifed Man...
SPCA514A ETC-SPCA514A Datasheet
111Kb / 14P
   Digital Audio USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com