Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN11220BCFG Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SN11220BCFG
Description  USB Audio Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11220BCFG Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SN11220BCFG Datasheet HTML 2Page - SONiX Technology Company SN11220BCFG Datasheet HTML 3Page - SONiX Technology Company SN11220BCFG Datasheet HTML 4Page - SONiX Technology Company SN11220BCFG Datasheet HTML 5Page - SONiX Technology Company SN11220BCFG Datasheet HTML 6Page - SONiX Technology Company SN11220BCFG Datasheet HTML 7Page - SONiX Technology Company SN11220BCFG Datasheet HTML 8Page - SONiX Technology Company SN11220BCFG Datasheet HTML 9Page - SONiX Technology Company SN11220BCFG Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Data Sheet
USB Audio Controller
SN11220ACF
Sonix Confidential
Do not copy, reproduce, or distribute without permission
2006 Aug 10, V1.01
- 5 -
21
VDD
P
3.3V power pin
22
LFA
I/O
Filter for internal PLL
23
VSSA_PLLA
P
GND pin
24
XSDIN/PCM_DIN
I, ST
I
2S Din / PCM_Din
25
XSCLK/PCM_CLK
O, 4mA, SR
I
2S SCLK for play/PCM_CLK (Master out/Slave in)
26
XLRCK/PCM_FS
O, 4mA, SR
I
2S L/R frame for play /PCM_FS (Master out/Slave in)
27
XSDOUT/
PCM_DOUT
O, 4mA, SR
I
2S Dout/PCM_Dout
28
XOUSB
O
6 MHz clock osc pin for USB PLL
29
XIUSB
I
6 MHz clock osc pin for USB PLL
30
GPIO3
I/O
General Purpose I/O 3
31
PDSW
O, 4mA, SR
Power down switch control -- 0: normal mode, 1: power
down mode. This pin is in power down mode when the
device is in suspending mode.
32
XMCLK/BITCLK
O, 8mA, SR
I
2S CODEC master clock for play
33
FREQMODE2
I, ST
Frequency mode select 2. {freqmode 2, 1, 0}: 011: 48K,
010: 44.1K, 001: 11.025K, 000: 8K, 111: 32K, 110:
24.1K, 101: 22.05K, 100: 16K
34
FREQMODE1
I, ST
Frequency mode select 1. {freqmode 2, 1, 0}: 011: 48K,
010: 44.1K, 001: 11.025K, 000: 8K, 111: 32K, 110:
24.1K, 101: 22.05K, 100: 16K
35
VDD
P
3.3V power pin / regulator 3.3V out
36
VDD5D
P
5V power pin
37
VSS
P
GND pin
38
RECORD
I, ST
Recording function enable (1) / disable (0)
39
MUTER
I, ST
Recording mute, edge trigger with 64ms de-bouncing
circuit
40
FREQMODE0
I, ST
Frequency mode select 1. {freqmode 2, 1, 0}: 011: 48K,
010: 44.1K, 001: 11.025K, 000: 8K, 111: 32K, 110:
24.1K, 101: 22.05K, 100: 16K


Similar Part No. - SN11220BCFG

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SN11+10210FA JDSU-SN11+10210FA Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210FP JDSU-SN11+10210FP Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210LC JDSU-SN11+10210LC Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210MU JDSU-SN11+10210MU Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210NC JDSU-SN11+10210NC Datasheet
177Kb / 3P
   Fiberoptic Switch
More results

Similar Description - SN11220BCFG

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
   USB AUDIO Controller
logo
ELAN Microelectronics C...
EKA8564A EMC-EKA8564A Datasheet
255Kb / 16P
   USB Audio Controller
EKA8566A EMC-EKA8566A Datasheet
657Kb / 37P
   USB Audio Controller
logo
Nuvoton Technology Corp...
W681308 NUVOTON-W681308 Datasheet
981Kb / 64P
   USB AUDIO CONTROLLER
logo
SONiX Technology Compan...
SN11112 SONIX-SN11112 Datasheet
328Kb / 24P
   USB AUDIO CONTROLLER
SN11113 SONIX-SN11113 Datasheet
266Kb / 22P
   USB AUDIO CONTROLLER
logo
C-Media Electronics
CM101S++ CMEDIA-CM101S+ Datasheet
682Kb / 22P
   USB 2CH Audio Controller
logo
List of Unclassifed Man...
SPCA514A ETC-SPCA514A Datasheet
111Kb / 14P
   Digital Audio USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com