Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3488A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC3488A
Description  Dual EIA??23/EIA??32D Line Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3488A Datasheet(HTML) 3 Page - ON Semiconductor

  MC3488A_06 Datasheet HTML 1Page - ON Semiconductor MC3488A_06 Datasheet HTML 2Page - ON Semiconductor MC3488A_06 Datasheet HTML 3Page - ON Semiconductor MC3488A_06 Datasheet HTML 4Page - ON Semiconductor MC3488A_06 Datasheet HTML 5Page - ON Semiconductor MC3488A_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC3488A
http://onsemi.com
3
TRANSITION TIMES (Unless otherwise noted, CL = 30 pF, f = 1.0 kHz, VCC = − VEE = 12.0 V ± 10%, TA = 25°C, RL = 450 W.
Transition times measured 10% to 90% and 90% to 10%)
Characteristic
Symbol
Min
Typ
Max
Unit
Transition Time, Low−to−High State Output
(RW = 10 kW)
(RW = 100 kW)
(RW = 500 kW)
(RW = 1000 kW)
tTLH
0.8
8.0
40
80
1.4
14
70
140
ms
Transition Time, High−to−Low State Output
(RW = 10 kW)
(RW = 100 kW)
(RW = 500 kW)
(RW = 1000 kW)
tTHL
0.8
8.0
40
80
1.4
14
70
140
ms
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
MC3488AD
TA = 0 to +70°C
SOIC−8
98 Units / Rail
MC3488ADG
SOIC−8
(Pb−Free)
98 Units / Rail
MC3488ADR2
SOIC−8
1000 / Tape & Reel
MC3488ADR2G
SOIC−8
(Pb−Free)
1000 / Tape & Reel
MC3488AP1
PDIP−8
50 Units / Rail
MC3488AP1G
PDIP−8
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
3.0 V
90%
10%
10%
90%
tTHL
Note: Input Rise
and Fall Times
(10% to 90%)
p 10 ns
f = 1.0 kHz
PW = 500 ms
Pulse
Generator
RL
To
Scope
(Output)
CL
(Includes
Probe and Jig
Capacitance)
VEE
MC3488A
VCC
To
Scope
(Input)
RWS
50
0 V
VOH
Input
VOL
0 V
Output
tTLH
Figure 2. Test Circuit and Waveforms for Transition Times


Similar Part No. - MC3488A_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3488AD ONSEMI-MC3488AD Datasheet
105Kb / 6P
   DUAL EIA-423/EIA-232D DRIVER
1996 REV 2
MC3488AP1 ONSEMI-MC3488AP1 Datasheet
105Kb / 6P
   DUAL EIA-423/EIA-232D DRIVER
1996 REV 2
More results

Similar Description - MC3488A_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
MC1489 ONSEMI-MC1489_06 Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC3488A ONSEMI-MC3488A Datasheet
105Kb / 6P
   DUAL EIA-423/EIA-232D DRIVER
1996 REV 2
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
Murata Manufacturing Co...
KII_NM485D MURATA-KII_NM485D Datasheet
175Kb / 7P
   Isolated Dual EIA-485 Driver and Receiver
NM485DC MURATA-NM485DC Datasheet
218Kb / 6P
   Isolated Dual EIA-485 Driver and Receiver
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com