Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3488A Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC3488A
Description  Dual EIA??23/EIA??32D Line Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3488A Datasheet(HTML) 2 Page - ON Semiconductor

  MC3488A_06 Datasheet HTML 1Page - ON Semiconductor MC3488A_06 Datasheet HTML 2Page - ON Semiconductor MC3488A_06 Datasheet HTML 3Page - ON Semiconductor MC3488A_06 Datasheet HTML 4Page - ON Semiconductor MC3488A_06 Datasheet HTML 5Page - ON Semiconductor MC3488A_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC3488A
http://onsemi.com
2
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Power Supply Voltages
VCC
VEE
+ 15
− 15
V
Output Current
Source
Sink
IO+
IO−
+ 150
− 150
mA
Operating Ambient Temperature
TA
0 to + 70
°C
Junction Temperature Range
TJ
150
°C
Storage Temperature Range
Tstg
− 65 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Devices should not be operated at these values. The
IElectrical CharacteristicsI provide conditions for actual device operation.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltages
VCC
VEE
10.8
− 13.2
12
−12
13.2
− 10.8
V
Operating Temperature Range
TA
0
25
70
°C
Wave Shaping Resistor
RWS
10
1000
k
W
TARGET ELECTRICAL CHARACTERISTICS (Unless otherwise noted, specifications apply over recommended operating conditions)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage − Low Logic State
VIL
0.8
V
Input Voltage − High Logic State
VIH
2.0
V
Input Current − Low Logic State (VIL = 0.4 V)
IIL
− 80
mA
Input Current − High Logic State
(VIH = 2.4 V)
(VIH = 5.5 V)
IIH1
IIH2
10
100
mA
Input Clamp Diode Voltage (IIK = − 15 mA)
VIK
− 1.5
V
Output Voltage − Low Logic State
(RL = ∞), EIA−423
(RL= 3.0 kW), EIA−232D
(RL= 450 W), EIA−423
VOL
− 6.0
− 6.0
− 6.0
− 5.0
− 5.0
− 4.0
V
Output Voltage − High Logic State
(RL = ∞), EIA−423
(RL.= 3.0 kW), EIA−232D
(RL = 450 W), EIA−423
VOH
5.0
5.0
4.0
6.0
6.0
6.0
V
Output Resistance (RL q 450 W)
RO
25
50
W
Output Short−Circuit Current (Note 2)
(Vin = Vout = 0 V)
(Vin = VIH(Min), Vout = 0 V)
IOSH
IOSL
− 150
+15
− 15
+ 150
mA
Output Leakage Current (Note 3) (VCC = VEE = 0 V, − 6.0 V p Vo p 6.0 V)
Iox
− 100
100
mA
Power Supply Currents (RW = 100 kW, RL = ∞, VIL p Vin p VIH)
ICC
IEE
− 18
+ 18
mA
2. One output shorted at a time.
3. No VEE diode required.


Similar Part No. - MC3488A_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3488AD ONSEMI-MC3488AD Datasheet
105Kb / 6P
   DUAL EIA-423/EIA-232D DRIVER
1996 REV 2
MC3488AP1 ONSEMI-MC3488AP1 Datasheet
105Kb / 6P
   DUAL EIA-423/EIA-232D DRIVER
1996 REV 2
More results

Similar Description - MC3488A_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
MC1489 ONSEMI-MC1489_06 Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC3488A ONSEMI-MC3488A Datasheet
105Kb / 6P
   DUAL EIA-423/EIA-232D DRIVER
1996 REV 2
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
Murata Manufacturing Co...
KII_NM485D MURATA-KII_NM485D Datasheet
175Kb / 7P
   Isolated Dual EIA-485 Driver and Receiver
NM485DC MURATA-NM485DC Datasheet
218Kb / 6P
   Isolated Dual EIA-485 Driver and Receiver
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com