Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3479P Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC3479P
Description  Stepper Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3479P Datasheet(HTML) 1 Page - ON Semiconductor

  MC3479P Datasheet HTML 1Page - ON Semiconductor MC3479P Datasheet HTML 2Page - ON Semiconductor MC3479P Datasheet HTML 3Page - ON Semiconductor MC3479P Datasheet HTML 4Page - ON Semiconductor MC3479P Datasheet HTML 5Page - ON Semiconductor MC3479P Datasheet HTML 6Page - ON Semiconductor MC3479P Datasheet HTML 7Page - ON Semiconductor MC3479P Datasheet HTML 8Page - ON Semiconductor MC3479P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 7
1
Publication Order Number:
MC3479/D
MC3479
Stepper Motor Driver
The MC3479 is designed to drive a two−phase stepper motor in the
bipolar mode. The circuit consists of four input sections, a logic
decoding/sequencing section, two driver−stages for the motor coils,
and an output to indicate the Phase A drive state.
Features
Single Supply Operation: 7.2 to 16.5 V
350 mA/Coil Drive Capability
Clamp Diodes Provided for Back−EMF Suppression
Selectable CW/CCW and Full/Half Step Operation
Selectable High/Low Output Impedance (Half Step Mode)
TTL/CMOS Compatible Inputs
Input Hysteresis: 400 mV Minimum
Phase Logic Can Be Initialized to Phase A
Phase A Output Drive State Indication (Open−Collector)
Pb−Free Package is Available*
CW/CCW
VM
GND
Bias/Set
Phase A
Logic
Driver
OIC
Driver
F/H Step
Clk
Clock
Figure 1. Representative Block Diagram
L4
L3
VD
L2
L1
OIC
Full/Half
Step
CW/CCW
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
Shipping
MC3479P
TA = 0° to +70°C
PDIP−16
25 Units / Rail
MC3479PG
PDIP−16
(Pb−Free)
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PDIP−16
P SUFFIX
CASE 648C
(Top View)
1
OIC
GND
Clk
Bias/Set
16
VM
GND
PIN CONNECTIONS
9
8
4
7
6
5
3
2
L1
L2
Full/Half
Step
VD
CW/CCW
Phase A
L4
L3
15
14
13
12
11
10
INPUT TRUTH TABLE
Input Low
Input High
CW
CCW
Full Step
Half Step
Hi Z
Low Z
CW/CCW
Full/Half Step
OIC
Positive Edge Triggered
Clk
http://onsemi.com
MARKING DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
MC3479P
AWLYYWWG
1
16


Similar Part No. - MC3479P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3479P ONSEMI-MC3479P Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
MC3479PG ONSEMI-MC3479PG Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
More results

Similar Description - MC3479P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com