Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3403PG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC3403PG
Description  Single Supply Quad Operational Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3403PG Datasheet(HTML) 3 Page - ON Semiconductor

  MC3403PG Datasheet HTML 1Page - ON Semiconductor MC3403PG Datasheet HTML 2Page - ON Semiconductor MC3403PG Datasheet HTML 3Page - ON Semiconductor MC3403PG Datasheet HTML 4Page - ON Semiconductor MC3403PG Datasheet HTML 5Page - ON Semiconductor MC3403PG Datasheet HTML 6Page - ON Semiconductor MC3403PG Datasheet HTML 7Page - ON Semiconductor MC3403PG Datasheet HTML 8Page - ON Semiconductor MC3403PG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC3403, MC3303
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(VCC = +15 V, VEE = −15 V for MC3403; VCC = +14 V, VEE = GND for MC3303 TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
MC3403
MC3303
Unit
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA = Thigh to Tlow (Note 3)
VIO
2.0
10
12
2.0
8.0
10
mV
Input Offset Current
TA = Thigh to Tlow
IIO
30
50
200
30
75
250
nA
Large Signal Open Loop Voltage Gain
VO = ±10 V, RL = 2.0 kW
TA = Thigh to Tlow
AVOL
20
15
200
20
15
200
V/mV
Input Bias Current
TA = Thigh to Tlow
IIB
−200
−500
−800
−200
−500
−1000
nA
Output Impedance f = 20 Hz
zo
75
75
W
Input Impedance f = 20 Hz
zi
0.3
1.0
0.3
1.0
MW
Output Voltage Range
RL = 10 kW
RL = 2.0 kW
RL = 2.0 kW, TA = Thigh to Tlow
VO
±12
±10
±10
±13.5
±13
12
10
10
12.5
12
V
Input Common Mode Voltage Range
VICR
+13 V
−VEE
+13 V
−VEE
+12 V
−VEE
+12.5 V
−VEE
V
Common Mode Rejection RS ≤ 10 kW
CMR
70
90
70
90
dB
Power Supply Current (VO = 0) RL = ∞
ICC, IEE
2.8
7.0
2.8
7.0
mA
Individual Output Short−Circuit Current (Note 4)
ISC
±10
±20
±45
±10
±30
±45
mA
Positive Power Supply Rejection Ratio
PSRR+
30
150
30
150
mV/V
Negative Power Supply Rejection Ratio
PSRR−
30
150
30
150
mV/V
Average Temperature Coefficient of Input
Offset Current
TA = Thigh to Tlow
DIIO/DT
50
50
pA/°C
Average Temperature Coefficient of Input
Offset Voltage
TA = Thigh to Tlow
DVIO/DT
10
10
mV/°C
Power Bandwidth
AV = 1, RL = 10 kW, VO = 20 V(p−p), THD = 5%
BWp
9.0
9.0
kHz
Small−Signal Bandwidth
AV = 1, RL = 10 kW, VO = 50 mV
BW
1.0
1.0
MHz
Slew Rate AV = 1, Vi = −10 V to +10 V
SR
0.6
0.6
V/ms
Rise Time AV = 1, RL = 10 kW, VO = 50 mV
tTLH
0.35
0.35
ms
Fall Time AV = 1, RL = 10 kW, VO = 50 mV
tTLH
0.35
0.35
ms
Overshoot AV = 1, RL = 10 kW, VO = 50 mV
os
20
20
%
Phase Margin AV = 1, RL = 2.0 kW, VO = 200 pF
fm
60
60
°
Crossover Distortion
(Vin = 30 mVpp,Vout= 2.0 Vpp, f = 10 kHz)
1.0
1.0
%
3. MC3303: Tlow = −40°C, Thigh = +85°C, MC3403: Tlow = 0°C, Thigh = +70°C
4. Not to exceed maximum package power dissipation.


Similar Part No. - MC3403PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3403PG ONSEMI-MC3403PG Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results

Similar Description - MC3403PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com