Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC65WI-1.8TE13D Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT24WC65WI-1.8TE13D
Description  32K/64K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC65WI-1.8TE13D Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT24WC65WI-1.8TE13D Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC65WI-1.8TE13D Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC65WI-1.8TE13D Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC65WI-1.8TE13D Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC65WI-1.8TE13D Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC65WI-1.8TE13D Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC65WI-1.8TE13D Datasheet HTML 10Page - Catalyst Semiconductor CAT24WC65WI-1.8TE13D Datasheet HTML 11Page - Catalyst Semiconductor CAT24WC65WI-1.8TE13D Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Discontinued
Parts
CAT24WC33/65
11
Doc No. 1049, Rev. D
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a CAT24WC33KI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 5.5 Volt Operat-
ing Voltage, Tape & Reel)
(2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWB). For additional
information, please contact your Catalyst sales office.
Temperature Range
Blank = Commercial (0˚ to 70˚C)
I = Industrial (-40˚ to 85˚C)
A
E = Extended (-40˚ to 125˚C)
= Automotive (-40˚ to 105˚C)
*
Prefix
Device #
Suffix
24WC33
K
I
TE13
Product
Number
24WC33: 32K
24WC65: 64K
Tape & Reel
Package
P: PDIP
K: SOIC (EIAJ)
J: SOIC (JEDEC)
L: PDIP (Lead free, Halogen free)
X: SOIC (EIAJ, Lead free, Halogen free)
W: SOIC (JEDEC, Lead free, Halogen free)
Operating Voltage
Blank: 2.5V - 5.5V
1.8: 1.8V - 5.5V
-1.8
CAT
Optional
Company ID
Rev D(2)
Die Revision
24WC33: B, D
24WC65: B, D


Similar Part No. - CAT24WC65WI-1.8TE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC65 CATALYST-CAT24WC65 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC65J-1.8TE13 CATALYST-CAT24WC65J-1.8TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC65J-TE13 CATALYST-CAT24WC65J-TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC65JA-1.8TE13 CATALYST-CAT24WC65JA-1.8TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC65JA-TE13 CATALYST-CAT24WC65JA-TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results

Similar Description - CAT24WC65WI-1.8TE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com