Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28LV65L-25T Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT28LV65L-25T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV65L-25T Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT28LV65L-25T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 9Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 10Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 11Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT28LV65
10
Doc. No. 1024, Rev. D
To activate the software data protection, the device must
be sent three write commands to specific addresses with
specific data (Figure 9). This sequence of commands
(along with subsequent writes) must adhere to the page
write timing specifications (Figure 11). Once this is done,
all subsequent byte or page writes to the device must be
preceded by this same set of write commands. The data
protection mechanism is activated until a deactivate
sequence is issued regardless of power on/off transi-
tions. This gives the user added inadvertent write pro-
tection on power-up in addition to the hardware protec-
tion provided.
To allow the user the ability to program the device with
an EEPROM programmer (or for testing purposes) there
is a software command sequence for deactivating the
data protection. The six step algorithm (Figure 10) will
reset the internal protection circuitry, and the device will
return to standard operating mode (Figure 12 provides
reset timing). After the sixth byte of this reset sequence
has been issued, standard byte or page writing can
commence.
Figure 11. Software Data Protection Timing
CE
WE
tWP
AA
1555
55
0AAA
A0
1555
DATA
ADDRESS
tBLC
tWC
BYTE OR
PAGE
WRITES
ENABLED
Figure 12. Resetting Software Data Protection Timing
CE
WE
AA
1555
55
0AAA
DATA
ADDRESS
tWC
80
1555
AA
1555
55
0AAA
20
1555
SDP
RESET
DEVICE
UNPROTECTED


Similar Part No. - CAT28LV65L-25T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28LV65LA15 ONSEMI-CAT28LV65LA15 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65LA20 ONSEMI-CAT28LV65LA20 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65LA25 ONSEMI-CAT28LV65LA25 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65LI15 ONSEMI-CAT28LV65LI15 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65LI20 ONSEMI-CAT28LV65LI20 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
More results

Similar Description - CAT28LV65L-25T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com