Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1489AMELG Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC1489AMELG
Description  Quad Line EIA??32D Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489AMELG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC1489AMELG Datasheet HTML 4Page - ON Semiconductor MC1489AMELG Datasheet HTML 5Page - ON Semiconductor MC1489AMELG Datasheet HTML 6Page - ON Semiconductor MC1489AMELG Datasheet HTML 7Page - ON Semiconductor MC1489AMELG Datasheet HTML 8Page - ON Semiconductor MC1489AMELG Datasheet HTML 9Page - ON Semiconductor MC1489AMELG Datasheet HTML 10Page - ON Semiconductor MC1489AMELG Datasheet HTML 11Page - ON Semiconductor MC1489AMELG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC1489, MC1489A
http://onsemi.com
10
PACKAGE DIMENSIONS
SOIC−14
CASE 751A−03
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__
7.04
14X
0.58
14X
1.52
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
7X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MC1489AMELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1489AMEL ONSEMI-MC1489AMEL Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
More results

Similar Description - MC1489AMELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
Texas Instruments
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com