Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN11088 Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SN11088
Description  Third Generation USB1.1 Flash Memory Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11088 Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SN11088 Datasheet HTML 6Page - SONiX Technology Company SN11088 Datasheet HTML 7Page - SONiX Technology Company SN11088 Datasheet HTML 8Page - SONiX Technology Company SN11088 Datasheet HTML 9Page - SONiX Technology Company SN11088 Datasheet HTML 10Page - SONiX Technology Company SN11088 Datasheet HTML 11Page - SONiX Technology Company SN11088 Datasheet HTML 12Page - SONiX Technology Company SN11088 Datasheet HTML 13Page - SONiX Technology Company SN11088 Datasheet HTML 14Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SN11088
2003/7/8
ver 0.3
10
VCM
USB differential common mode
range
Included
VDI
range
0.8 (min)
2.5 (max)
V
VSE
USB single ended receiver
threshold
0.8 (min)
2.0 (max)
V
VIH
high level input voltage
2.0 (min)
V
VIL
low level input voltage
0.8 (max)
V
VOH
high level output voltage
IOH = -4 mA
2.3 (min)
V
VOL
low level output voltage
IOL= 4 mA
0.5 (max)
V
IIL
low level input current
VI = 0 V
RSTN pin :
- 50.0 (max)
the other pins :
- 3.0 (max)
µA
IIH
high level input current
VI = 3.6 V
3.0 (max)
µA
IDD
input supply current
20 (max)
mA
Isuspend
supply current in suspend
20 (max)
µA
6.4
AC electrical characteristics
6.4.1
USB transceiver signal (full speed mode)
Table 7
symbol
parameter
test condition
min
max
unit
Tr
transition rise time for DP or DM
4
20
ns
Tf
transition fall time for DP or DM
4
20
ns
Trfm
rise / fall time matching
(Tr / Tf ) * 100
90
110
%
Vo(crs)
signal crossover voltage
1.3
2.0
V
6.4.2
Operation clocks
Table 8
symbol
parameter
value
unit
USBCLKin
XI/XOUT crystal value
6 (typ)
MHz
USBCLKin duty cycle
50 ± 2
%
6.4.3
External EEPROM interface
Table 9
symbol
parameter
value
unit


Similar Part No. - SN11088

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11083 SONIX-SN11083 Datasheet
523Kb / 7P
   USB to Flash Interface Controller, Mass Storage Class Compliant
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
   SN11085 USB1.1 Flash memory Controller
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
   Second Generation USB1.1 Flash Memory Controller
SN11087 SONIX-SN11087 Datasheet
227Kb / 14P
   Second Generation USB1.1 Flash Memory Controller
More results

Similar Description - SN11088

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
   Second Generation USB1.1 Flash Memory Controller
SN11087 SONIX-SN11087 Datasheet
227Kb / 14P
   Second Generation USB1.1 Flash Memory Controller
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
   SN11085 USB1.1 Flash memory Controller
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689_06 Datasheet
302Kb / 14P
   Third Generation CCFL Controller
LX1689 MICROSEMI-LX1689 Datasheet
309Kb / 14P
   Third Generation CCFL Controller
logo
List of Unclassifed Man...
AU9387 ETC2-AU9387 Datasheet
1Mb / 22P
   USB1.1 Universal Flash Disk Controller Technical Reference Manual
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
   Third generation FemtoClock
logo
PREMO CORPORATION S.L
P038PP1CP1 PREMO-P038PP1CP1 Datasheet
110Kb / 1P
   Third generation of planar transformers
P215FK3DX1 PREMO-P215FK3DX1 Datasheet
126Kb / 1P
   Third generation of planar transformers
P264FB4DP PREMO-P264FB4DP Datasheet
128Kb / 1P
   Third generation of planar transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com