Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28LV65P-25T Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT28LV65P-25T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV65P-25T Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT28LV65P-25T Datasheet HTML 1Page - Catalyst Semiconductor CAT28LV65P-25T Datasheet HTML 2Page - Catalyst Semiconductor CAT28LV65P-25T Datasheet HTML 3Page - Catalyst Semiconductor CAT28LV65P-25T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV65P-25T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV65P-25T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV65P-25T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV65P-25T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV65P-25T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT28LV65
4
Doc. No. 1024, Rev. D
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.
(3) VIHC = VCC –0.3V to VCC +0.3V.
D.C. OPERATING CHARACTERISTICS
Vcc = 3.0V to 3.6V, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC
VCC Current (Operating, TTL)
8
mA
CE = OE = VIL,
f = 1/tRC min, All I/O’s Open
ISBC(3)
VCC Current (Standby, CMOS)
100
µA
CE = VIHC,
All I/O’s Open
ILI
Input Leakage Current
–1
1
µAVIN = GND to VCC
ILO
Output Leakage Current
–5
5
µAVOUT = GND to VCC,
CE = VIH
VIH(3)
High Level Input Voltage
2
VCC +0.3
V
VIL
Low Level Input Voltage
–0.3
0.6
V
VOH
High Level Output Voltage
2
V
IOH = –100
µA
VOL
Low Level Output Voltage
0.3
V
IOL = 1.0mA
VWI
Write Inhibit Voltage
2
V
28LV65-15
28LV65-20
28LV65-25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
150
200
250
ns
tCE
CE Access Time
150
200
250
ns
tAA
Address Access Time
150
200
250
ns
tOE
OEAccess Time
70
80
100
ns
tLZ(1)
CE Low to Active Output
0
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
0
ns
tHZ(1)(2)
CE High to High-Z Output
50
50
55
ns
tOHZ(1)(2)
OE High to High-Z Output
50
50
55
ns
Output Hold from
tOH(1)
Address Change
0
0
0
ns
A.C. CHARACTERISTICS, Read Cycle
Vcc = 3.0V to 3.6V, unless otherwise specified.


Similar Part No. - CAT28LV65P-25T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV65P-25T CATALYST-CAT28LV65P-25T Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28LV65P-25T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com